Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FV32KA304 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC24FV32KA304
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
Download  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA304 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC24FV32KA304 Datasheet HTML 3Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 4Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 5Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 6Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 7Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 8Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 9Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 10Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 320 page
background image
 2011 Microchip Technology Inc.
DS39995B-page 7
PIC24FV32KA304 FAMILY
Pin Diagrams
Legend:
Pin numbers in bold indicate pin function differences between PIC24FV and PIC24F devices.
Note 1:
Exposed pad on underside of device is connected to VSS.
2:
Alternative multiplexing for SDA1 (ASDA1) and SCL1 (ASCL1) when the I2CSEL Configuration bit is set.
3:
PIC24F32KA304 device pins have a maximum voltage of 3.6V and are not 5V tolerant.
28-Pin QFN(1,2,3)
10 11
2
3
6
1
18
19
20
21
22
12 13 14
15
8
7
16
17
23
24
25
26
27
28
9
24FVXXKA302
5
4
VSS
RB0
RA7
RA3
RA2
RA6 OR VCAP
RB9
RB3
RB2
RB1
RB13
RB12
RB10
RB11
Pin
Pin Features
PIC24FVXXKA302
PIC24FXXKA302
1
PGED1/AN2/ULPWU/CTCMP/C1IND/C2INB/C3IND/U2TX/CN4/RB0
PGED1/AN2/ULPWU/CTCMP/C1IND/C2INB/C3IND/U2TX/CN4/RB0
2
PGEC1/AN3/C1INC/C2INA/U2RX/CTED12/CN5/RB1
PGEC1/AN3/C1INC/C2INA/U2RX/CTED12/CN5/RB1
3
AN4/C1INB/C2IND/SDA2/T5CK/T4CK/U1RX/CTED13/CN6/RB2
AN4/C1INB/C2IND/SDA2/T5CK/T4CK/U1RX/CTED13/CN6/RB2
4
AN5/C1INA/C2INC/SCL2/CN7/RB3
AN5/C1INA/C2INC/SCL2/CN7/RB3
5VSS
VSS
6
OSCI/AN13/CLKI/CN30/RA2
OSCI/AN13/CLKI/CN30/RA2
7
OSCO/AN14/CLKO/CN29/RA3
OSCO/AN14/CLKO/CN29/RA3
8
SOSCI/AN15/U2RTS/CN1/RB4
SOSCI/AN15/U2RTS/CN1/RB4
9
SOSCO/SCLKI/U2CTS/CN0/RA4
SOSCO/SCLKI/U2CTS/CN0/RA4
10
VDD
VDD
11
PGED3/ASDA1(2)/SCK2/CN27/RB5
PGED3/ASDA1(2)/SCK2/CN27/RB5
12
PGEC3/ASCL1(2)/SDO2/CN24/RB6
PGEC3/ASCL1(2)/SDO2/CN24/RB6
13
U1TX/C2OUT/OC1/INT0/CN23/RB7
U1TX/INT0/CN23/RB7
14
SCL1/U1CTS/C3OUT/CTED10/CN22/RB8
SCL1/U1CTS/C3OUT/CTED10/CN22/RB8
15
SDA1/T1CK/U1RTS/IC2/CTED4/CN21/RB9
SDA1/T1CK/U1RTS/IC2/CTED4/CN21/RB9
16
SDI2/IC1/CTED3/CN9/RA7
SDI2/IC1/CTED3/CN9/RA7
17
VCAP
C2OUT/OC1/CTED1/INT2/CN8/RA6
18
PGED2/SDI1/OC3/CTED11/CN16/RB10
PGED2/SDI1/OC3/CTED11/CN16/RB10
19
PGEC2/SCK1/OC2/CTED9/CN15/RB11
PGEC2/SCK1/OC2/CTED9/CN15/RB11
20
AN12/LVDIN/SS2/IC3/CTED2/INT2/CN14/RB12
AN12/LVDIN/SS2/IC3/CTED2/CN14/RB12
21
AN11/SDO1/OCFB/CTPLS/CN13/RB13
AN11/SDO1/OCFB/CTPLS/CN13/RB13
22
CVREF/AN10/C3INB/RTCC/C1OUT/OCFA/CTED5/INT1/CN12/
RB14
CVREF/AN10/C3INB/RTCC/C1OUT/OCFA/CTED5/INT1/CN12/
RB14
23
AN9/C3INA/T3CK/T2CK/REFO/SS1/CTED6/CN11/RB15
AN9/C3INA/T3CK/T2CK/REFO/SS1/CTED6/CN11/RB15
24
VSS/AVSS
VSS/AVSS
25
VDD/AVDD
VDD/AVDD
26
MCLR/VPP/RA5
MCLR/VPP/RA5
27
VREF+/CVREF+/AN0/C3INC/CTED1/CN2/RA0
VREF+/CVREF+/AN0/C3INC/CTED1/CN2/RA0
28
CVREF-/VREF-/AN1/CN3/RA1
CVREF-/VREF-/AN1/CN3/RA1
24FXXKA302


Similar Part No. - PIC24FV32KA304

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 322P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
4Mb / 364P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC24FV32KA304-I MICROCHIP-PIC24FV32KA304-I Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_13 Datasheet
4Mb / 364P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
More results

Similar Description - PIC24FV32KA304

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304_13 Datasheet
4Mb / 364P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC24FV32KA304-I MICROCHIP-PIC24FV32KA304-I Datasheet
2Mb / 320P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
02/18/11
PIC24FV32KA304 MICROCHIP-PIC24FV32KA304 Datasheet
2Mb / 322P
   20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
2011
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24F16KA102 MICROCHIP-PIC24F16KA102_11 Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC24F08KA102-I MICROCHIP-PIC24F08KA102-I Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC16F1516 MICROCHIP-PIC16F1516_12 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1516-I MICROCHIP-PIC16F1516-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1519-I MICROCHIP-PIC16F1519-I Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with XLP Technology
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com