Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP15R06W1E3 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # FP15R06W1E3
Description  EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP15R06W1E3 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button FP15R06W1E3 Datasheet HTML 4Page - Infineon Technologies AG FP15R06W1E3 Datasheet HTML 5Page - Infineon Technologies AG FP15R06W1E3 Datasheet HTML 6Page - Infineon Technologies AG FP15R06W1E3 Datasheet HTML 7Page - Infineon Technologies AG FP15R06W1E3 Datasheet HTML 8Page - Infineon Technologies AG FP15R06W1E3 Datasheet HTML 9Page - Infineon Technologies AG FP15R06W1E3 Datasheet HTML 10Page - Infineon Technologies AG FP15R06W1E3 Datasheet HTML 11Page - Infineon Technologies AG FP15R06W1E3 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
:
!
!
B :
2C 9 L
:
%
:)
B :
2C 9 L
:
%
:)
B :
2C 9 L
:
%
:)
B :
2C 9 L
:
%
:)
;
: ,
2C 9 2
%
)
;
: ,
2C 9 2
%
)
;
: ,
2C 9 2
%
)
;
: ,
2C 9 2
%
)
&43 1 %MW)U &4bb 1 %MW)
&43 1 %MW)U &4bb 1 %MW)
&43 1 %MW)U &4bb 1 %MW)
&43 1 %MW)U &4bb 1 %MW)
*W/ 1 ` ( *U 2. 1 ( 6U *./ 1 '
*
*W/ 1 ` ( *U 2. 1 ( 6U *./ 1 '
*
*W/ 1 ` ( *U 2. 1 ( 6U *./ 1 '
*
*W/ 1 ` ( *U 2. 1 ( 6U *./ 1 '
*
MW w]y
*
+
:
*
+
: *
** *+
8
8*
8+
8
8:
8
8*
8+
8
8:
&43U 9RS 1
(T>
&4bbU 9RS 1
(T>
&43U 9RS 1 ( T>
&4bbU 9RS 1 ( T>
9
L +
;
2C 9 L
:
9
L +
;
2C 9 L
:
9
L +
;
2C 9 L
:
9
L +
;
2C 9 L
:
:
2C 9
:
2C 9
:
2C 9
:
2C 9
‚FYhl 1 % )
‚FYhl 1 % )
‚FYhl 1 % )
‚FYhl 1 % )
w y
8
8
8
8
‚FYhl 2C 9
\w -L y
\w y
U
''
U
(
U("!
U
(
'
U "
U (
"
U
U
B :
MK ?;+
6
: 2C 9 L
%M BI6)
B :
MK ?;+
6
: 2C 9 L
%M BI6)
B :
MK ?;+
6
: 2C 9 L
%M BI6)
B :
MK ?;+
6
: 2C 9 L
%M BI6)
,
2C 9
%M BI6)
,
2C 9
%M BI6)
,
2C 9
%M BI6)
,
2C 9
%M BI6)
2. 1 %*./)
2. 1 %*./)
2. 1 %*./)
2. 1 %*./)
*W/ 1 ` ( *U MW4bb 1
]U 9RS 1 ( T>
*W/ 1 ` ( *U MW4bb 1
]U 9RS 1 ( T>
*W/ 1 ` ( *U MW4bb 1
]U 9RS 1 ( T>
*W/ 1 ` ( *U MW4bb 1
]U 9RS 1 ( T>
*./ w*y
*
+
:
9
*
:
*
*+
*7
2.U
2.U >:
:
?
L
:
%
:)
:
?
L
:
%
:)
:
?
L
:
%
:)
:
?
L
:
%
:)
;
:
%
)
;
:
%
)
;
:
%
)
;
:
%
)
2m 1 %*m)
2m 1 %*m)
2m 1 %*m)
2m 1 %*m)
*m w*y
8
8*
8+
8
8:
8
8*
8+
8
8: *8
*8*
*
*
9RS 1 (T>
9RS 1
(T>
9RS 1 ( T>


Similar Part No. - FP15R06W1E3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP15R06W1E3 INFINEON-FP15R06W1E3 Datasheet
950Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP15R06W1E3 INFINEON-FP15R06W1E3_13 Datasheet
950Kb / 12P
   EasyPIM Modul mit Trench
2013-10-03 revision:2.1
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
831Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11_13 Datasheet
831Kb / 12P
   EasyPIM Modul mit Trench
2013-11-05 revision:2.0
More results

Similar Description - FP15R06W1E3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FB20R06W1E3_B1 INFINEON-FB20R06W1E3_B1 Datasheet
670Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3_B1 INFINEON-FB30R06W1E3_B1 Datasheet
669Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP30R06W1E3 INFINEON-FP30R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP20R06W1E3 INFINEON-FP20R06W1E3 Datasheet
654Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB20R06W1E3 INFINEON-FB20R06W1E3 Datasheet
570Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB30R06W1E3 INFINEON-FB30R06W1E3 Datasheet
571Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP10R06W1E3 INFINEON-FP10R06W1E3 Datasheet
650Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB10R06W1E3 INFINEON-FB10R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FB15R06W1E3 INFINEON-FB15R06W1E3 Datasheet
568Kb / 10P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and NTC
2009-12-08 revision:2.1
FP15R06W1E3_B11 INFINEON-FP15R06W1E3_B11 Datasheet
677Kb / 12P
   EasyPIM module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com