Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP10R06KL4 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # FP10R06KL4
Description  IGBT-modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FP10R06KL4 Datasheet(HTML) 3 Page - Infineon Technologies AG

  FP10R06KL4 Datasheet HTML 1Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 2Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 3Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 4Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 5Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 6Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 7Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 8Page - Infineon Technologies AG FP10R06KL4 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Technische Information / technical information
FP10R06KL4
IGBT-Module
IGBT-modules
!
"#
IGBT-Brems-Chopper / IGBT-brake-chopper
Höchstzulässige Werte / maximum rated values
$%
&
'
%
'
()* + ,-.
/012
3
/
'
%
.
(0 + 4 -.5 ()* + , -.
(0 + ,-.5 ()* + , -.
60789
60
,
:
:
;
&
%
< +
%
60=>
:
?
% /
'
@
(0 + ,-.5 ()* + , -.
;A8A
3B5,
C
?
$%
&
'
'
%
'
/D12
EF
/
Charakteristische Werte / characteristic values
% #
#
% G#
$%
&H '
'
'
%
'
60 +
:5 /D1 + , /
60 +
:5 /D1 + , /
/01 IJA
5B,
5
5,,
/
/
()* + ,-.
()* +
,-.
?
&
@
'
'
'
60 + 5", %:5 /01 + /D15 ()* + ,-.
/D1AK
!5,
,5,
35,
/
?
'
'
'
/D1 +
, / ### E , /
LD
5 3
M.
6
?
@
'
()* + ,-.
NDO7A
5
P
$ '
'
H
+
Q 5 ()* + ,-.5 /01 + , /5 /D1 +
/
.ORI
5!!
S
N
@
'
H
+
Q 5 ()* + ,-.5 /01 + , /5 /D1 +
/
.TRI
5 !
S
$%
N
%
%
/01 + 3
/5 /D1 +
/5 ()* + ,-.
6012
5
%:
?
$%
N
%
'
%
'
/01 +
/5 /D1 +
/5 ()* + ,-.
6D12
!
:
$
U'
'
V
# W
X
% V
X
60 +
:5 /01 + "
/
/D1 + Y , /
ND87 + 4 P
Z 87
5 "
5 "
M
M
()* + ,-.
()* +
,-.
:
'
V
W
X
% V
X
60 +
:5 /01 + "
/
/D1 + Y , /
ND87 + 4 P
T
5
,
5 "
M
M
()* + ,-.
()* +
,-.
:
U'
'
V
# W
X
% V
X
60 +
:5 /01 + "
/
/D1 + Y , /
ND8[[ + 4 P
Z 8[[
5 "
5 "
M
M
()* + ,-.
()* +
,-.
S
V
W
X
% V
X
60 +
:5 /01 + "
/
/D1 + Y , /
ND8[[ + 4 P
[
5
5 "
M
M
()* + ,-.
()* +
,-.
$
'
;
'
60 +
:5 /01 + "
/
/D1 + Y , /
ND87 + 4 P
$87
5"3
%\
%\
()* + ,-.
()* +
,-.
:
'
;
'
60 +
:5 /01 + "
/
/D1 + Y , /
ND8[[ + 4 P
$8[[
5!!
%\
%\
()* + ,-.
()* +
,-.
&.
/D1 ] , /5 /00 + "3 /
/019J^ + /012 WI01 _
F
620
!,
:
()* +
,-.
< ]
M 5
6
CH % @
%
5 `
6? (
6? (
NAKa0
53
54
FC
b
'
' CH % @
%
5
6? ( F
6? (
c<JIAR +
CFV%_ X F cdTRJIR +
CFV%_ X
NAK0e
53
FC


Similar Part No. - FP10R06KL4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP10R06KL4 ETC1-FP10R06KL4 Datasheet
208Kb / 12P
   Elektrische Eigenschaften / Electrical properties
logo
eupec GmbH
FP10R06KL4_B3 EUPEC-FP10R06KL4_B3 Datasheet
329Kb / 10P
   IGBT-modules
More results

Similar Description - FP10R06KL4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com