Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TND302S Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TND302S
Description  General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND302S Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TND302S Datasheet HTML 1Page - Sanyo Semicon Device TND302S Datasheet HTML 2Page - Sanyo Semicon Device TND302S Datasheet HTML 3Page - Sanyo Semicon Device TND302S Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TND302S
No.7084-1/4
Features
Dual buffer.
Monolithic structure(High voltage CMOS process
adopted).
Withstand voltage of 25V is assured.
Wide range of operating voltage : 4.5V to 25V.
Peak outpout current : 2A.
Fast switching time(25ns typical at 1000pF load).
Fully compatible input to TTL/CMOS.
(VIH=not more than 2.6V, at VDD=4.5 to 25V)
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VDD
0 to 25
V
Input Voltage
VIN
GND--0.3 to VDD+0.3
V
Allowable Power Dissipation
PD max
0.3
W
Junction Temperature
Tj
--55 to +150
°C
Storage Temperature
Tstg
--55 to +150
°C
Recommended Operating Conditions at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Operating Supply Voltage
VDD
4.5 to 25
V
Operating Temperature
Topr
--40 to +125
°C
Electrical Characteristics (AC Characteristics) at Ta=25
°C, VDD=18V, VIN=5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-On Rise Time
tr
CL=1000pF
20
35
ns
Turn-Off Fall Time
tf
CL=1000pF
25
40
ns
Delay Time
tD1CL=1000pF
30
45
ns
tD2CL=1000pF
45
60
ns
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7084A
TND302S
Package Dimensions
unit : mm
2199
[TND302S]
62003 TS IM TA-100713 / O0501 TS IM TA-3491
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
ExPD (Excellent Power Device)
General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor
Drive, Switching Power Supply, and DC / DC Converter Applications
Preliminary
14
5
8
0.2
5.0
0.595
1.27
0.43
1 : NC
2 : IN A
3 : GND
4 : IN B
5 : OUT B
6 : VDD
7 : OUT A
8 : NC
SANYO : SOP8


Similar Part No. - TND302S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND301 SANYO-TND301 Datasheet
26Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
logo
ON Semiconductor
TND301 ONSEMI-TND301 Datasheet
209Kb / 8P
   Clock Management Design Using Low Skew and Low Jitter Devices
June, 2001 ??Rev. 0
logo
Sanyo Semicon Device
TND301S SANYO-TND301S Datasheet
26Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
TND303 SANYO-TND303 Datasheet
27Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, DC / DC Converter Applications
TND303S SANYO-TND303S Datasheet
27Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, DC / DC Converter Applications
More results

Similar Description - TND302S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TND301S SANYO-TND301S Datasheet
26Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, and DC / DC Converter Applications
TND303S SANYO-TND303S Datasheet
27Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, DC / AC Motor Drive, Switching Power Supply, DC / DC Converter Applications
TND304S SANYO-TND304S Datasheet
37Kb / 4P
   General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive Switching Power Supply, DC / DC Converter Applications
TND332ST SANYO-TND332ST Datasheet
270Kb / 5P
   General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive, Switching Power Supply, and DC / DC Converter Applications
TND315S SANYO-TND315S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND323VD SANYO-TND323VD Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND312S SANYO-TND312S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND311S SANYO-TND311S Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND313S SANYO-TND313S Datasheet
49Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
TND322VD SANYO-TND322VD Datasheet
48Kb / 5P
   ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com