Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP73861 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP73861
Description  Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73861 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP73861_11 Datasheet HTML 13Page - Microchip Technology MCP73861_11 Datasheet HTML 14Page - Microchip Technology MCP73861_11 Datasheet HTML 15Page - Microchip Technology MCP73861_11 Datasheet HTML 16Page - Microchip Technology MCP73861_11 Datasheet HTML 17Page - Microchip Technology MCP73861_11 Datasheet HTML 18Page - Microchip Technology MCP73861_11 Datasheet HTML 19Page - Microchip Technology MCP73861_11 Datasheet HTML 20Page - Microchip Technology MCP73861_11 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
 2011 Microchip Technology Inc.
DS21893E-page 17
MCP73861/2/3/4
5.0
DETAILED DESCRIPTION
5.1
Analog Circuitry
5.1.1
BATTERY MANAGEMENT INPUT
SUPPLY (VDD1, VDD2)
The VDD input is the input supply to the MCP7386X.
The MCP7386X automatically enters a Power-down
mode if the voltage on the VDD input falls below the
UVLO voltage (VSTOP). This feature prevents draining
the battery pack when the VDD supply is not present.
5.1.2
PROG INPUT
Fast charge current regulation can be scaled by placing
a programming resistor (RPROG) from the PROG input
to VSS. Connecting the PROG input to VSS allows for a
maximum fast charge current of 1.2A, typically. The
minimum fast charge current is 100 mA, set by letting
the PROG input float. The following formula calculates
the value for RPROG:
The preconditioning trickle-charge current and the
charge termination current are scaled to approximately
10% and 8% of IREG, respectively.
5.1.3
CELL TEMPERATURE SENSOR
BIAS (THREF)
A 2.5V voltage reference is provided to bias an external
thermistor for continuous cell temperature monitoring
and prequalification. A ratio metric window comparison
is performed at threshold levels of VTHREF/2 and
VTHREF/4.
5.1.4
CELL TEMPERATURE SENSOR
INPUT (THERM)
The MCP73861/2/3/4 continuously monitors tempera-
ture by comparing the voltage between the THERM
input and VSS with the upper and lower temperature
thresholds. A negative or positive temperature coeffi-
cient, NTC or PTC thermistor and an external voltage-
divider typically develop this voltage. The temperature
sensing circuit has its own reference to which it per-
forms a ratio metric comparison. Therefore, it is
immune to fluctuations in the supply input (VDD). The
temperature-sensing circuit is removed from the sys-
tem when VDD is not applied, eliminating additional
discharge of the battery pack.
Figure 6-1 depicts a typical application circuit with con-
nection of the THERM input. The resistor values of RT1
and RT2 are calculated with the following equations.
For NTC thermistors:
For PTC thermistors:
Applying a voltage equal to VTHREF/3 to the THERM
input disables temperature monitoring.
5.1.5
TIMER SET INPUT (TIMER)
The TIMER input programs the period of the safety tim-
ers by placing a timing capacitor (CTIMER) between the
TIMER input pin and VSS. Three safety timers are
programmed via the timing capacitor.
The preconditioning safety timer period:
The fast charge safety timer period:
The elapsed time termination period:
The preconditioning timer starts after qualification and
resets when the charge cycle transitions to the fast
charge, Constant-current mode. The fast charge timer
and the elapsed timer start once the MCP7386X
transitions from preconditioning. The fast charge timer
resets when the charge cycle transitions to the Con-
stant-voltage mode. The elapsed timer will expire and
terminate the charge if the sensed current does not
diminish below the termination threshold.
During thermal regulation, the timer is slowed down
proportional to the charge current.
R
PROG
13.2
11
I
REG
12
I
REG
1.2
------------------------------------------
=
Where:
IREG = the desired fast charge current in amps.
RPROG = measured in kΩ
R
T1
2
R
COLD
R
HOT
R
COLD
R
HOT
-----------------------------------------------
=
R
T2
2
R
COLD
R
HOT
R
COLD
3
R
HOT
-----------------------------------------------
=
R
T1
2
R
COLD
R
HOT
R
HOT
R
COLD
-----------------------------------------------
=
R
T2
2
R
COLD
R
HOT
R
HOT
3
R
COLD
-----------------------------------------------
=
Where:
RCOLD and RHOT are the thermistor resis-
tance values at the temperature window of
interest.
t
PRECON
C
TIMER
0.1
F
-------------------
1.0Hour
s
=
t
FAST
C
TIMER
0.1
F
-------------------
1.5Hours
=
t
TERM
C
TIMER
0.1
F
-------------------
3.0Hours
=


Similar Part No. - MCP73861_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
More results

Similar Description - MCP73861_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com