Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF150R12KS4 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # FF150R12KS4
Description  62mm C-Series module with the fast IGBT2 for high-frequency switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FF150R12KS4 Datasheet(HTML) 6 Page - Infineon Technologies AG

  FF150R12KS4 Datasheet HTML 1Page - Infineon Technologies AG FF150R12KS4 Datasheet HTML 2Page - Infineon Technologies AG FF150R12KS4 Datasheet HTML 3Page - Infineon Technologies AG FF150R12KS4 Datasheet HTML 4Page - Infineon Technologies AG FF150R12KS4 Datasheet HTML 5Page - Infineon Technologies AG FF150R12KS4 Datasheet HTML 6Page - Infineon Technologies AG FF150R12KS4 Datasheet HTML 7Page - Infineon Technologies AG FF150R12KS4 Datasheet HTML 8Page - Infineon Technologies AG FF150R12KS4 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Technische Information / technical information
FF150R12KS4
IGBT-Module
IGBT-modules
> 7
.J 6
7
&
7(
> 7
.J 6
7
&
7(
> 7
.J 6
7
&
7(
> 7
.J 6
7
&
7(
8
7 9
.J 6 .
&
(
8
7 9
.J 6 .
&
(
8
7 9
.J 6 .
&
(
8
7 9
.J 6 .
&
(
'0/ - & U(C '0cc - & U(
'0/ - & U(C '0cc - & U(
'0/ - & U(C '0cc - & U(
'0/ - & U(C '0cc - & U(
)U+ - a " )C .* - " 2C )*+ - #
)
)U+ - a " )C .* - " 2C )*+ - #
)
)U+ - a " )C .* - " 2C )*+ - #
)
)U+ - a " )C .* - " 2C )*+ - #
)
U y\z
0
5
10
15
20
25
30
0
10
20
30
40
50
60
'0/C 6PQ -
"RD
'0ccC 6PQ -
"RD
6
K ! 8
.J 6
7
6
K ! 8
.J 6
7
6
K ! 8
.J 6
7
6
K ! 8
.J 6
7
7 !
!
.J 6
7 !
!
.J 6
7 !
!
.J 6
7 !
!
.J 6
{IXi* - & (
{IXi* - & (
{IXi* - & (
{IXi* - & (
y z
0,001
0,01
0,1
1
10
0,001
0,01
0,1
1
{IXi* .J 6
[yB3
z
[y z
C
#
C
C
C
C
C "
C
C
> 7
^ A8K
2
7 .J 6
&
>N2(
> 7
^ A8K
2
7 .J 6
&
>N2(
> 7
^ A8K
2
7 .J 6
&
>N2(
> 7
^ A8K
2
7 .J 6
&
>N2(
9
.J 6
&
>N2(
9
.J 6
&
>N2(
9
.J 6
&
>N2(
9
.J 6
&
>N2(
.* - &)*+(
.* - &)*+(
.* - &)*+(
.* - &)*+(
)U+ - a " )C
U0cc - #
\C 6PQ -
"RD
)U+ - a " )C
U0cc - #
\C 6PQ -
"RD
)U+ - a " )C
U0cc - #
\C 6PQ -
"RD
)U+ - a " )C
U0cc - #
\C 6PQ -
"RD
)*+ y)z
0
200
400
600
800 1000 1200 1400
0
50
100
150
200
250
300
350
.*C
.*C D7
?
7
A
?
7
&
7(
?
7
A
?
7
&
7(
?
7
A
?
7
&
7(
?
7
A
?
7
&
7(
8
7
&
(
8
7
&
(
8
7
&
(
8
7
&
(
.n - &)n(
.n - &)n(
.n - &)n(
.n - &)n(
)n y)z
0,0
0,5
1,0
1,5
2,0
2,5
3,0
0
50
100
150
200
250
300
6PQ - "RD
6PQ -
"RD


Similar Part No. - FF150R12KS4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FF150R12KS4 EUPEC-FF150R12KS4 Datasheet
284Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
logo
Infineon Technologies A...
FF150R12KS4_B2 INFINEON-FF150R12KS4_B2 Datasheet
1Mb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching
2009-08-14 revision:3.4
More results

Similar Description - FF150R12KS4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FD300R12KS4_B5 EUPEC-FD300R12KS4_B5 Datasheet
272Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
FZ600R12KS4 EUPEC-FZ600R12KS4 Datasheet
274Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
logo
Infineon Technologies A...
FF300R12KS4 INFINEON-FF300R12KS4 Datasheet
263Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
2008-09-03 revision:3.2
FF150R12KS4_B2 INFINEON-FF150R12KS4_B2 Datasheet
1Mb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching
2009-08-14 revision:3.4
FZ400R12KS4 INFINEON-FZ400R12KS4 Datasheet
1Mb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching
2009-08-14 revision:3.4
FF100R12KS4 INFINEON-FF100R12KS4 Datasheet
1Mb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching
2009-08-14 revision:3.4
FF200R12KS4 INFINEON-FF200R12KS4 Datasheet
1Mb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching
2009-08-14 revision:3.4
logo
eupec GmbH
FF150R12KS4 EUPEC-FF150R12KS4 Datasheet
284Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
logo
Infineon Technologies A...
FF300R12KS4 INFINEON-FF300R12KS4_13 Datasheet
438Kb / 8P
   62mm C-series module with the fast IGBT2 for high-frequency switching
2013-10-03 revision:3.2
FF200R12KS4P INFINEON-FF200R12KS4P Datasheet
504Kb / 9P
   62mm C-Series module with the fast IGBT2 for high-frequency switching and pre-applied Thermal Interface Material
V 3.0 2020-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com