Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD1600R17KF6C_B2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # FD1600R17KF6C_B2
Description  1700V IGBT Module with low loss IGBT of 2nd generation and soft EmCon Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FD1600R17KF6C_B2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button FD1600R17KF6C_B2 Datasheet HTML 2Page - Infineon Technologies AG FD1600R17KF6C_B2 Datasheet HTML 3Page - Infineon Technologies AG FD1600R17KF6C_B2 Datasheet HTML 4Page - Infineon Technologies AG FD1600R17KF6C_B2 Datasheet HTML 5Page - Infineon Technologies AG FD1600R17KF6C_B2 Datasheet HTML 6Page - Infineon Technologies AG FD1600R17KF6C_B2 Datasheet HTML 7Page - Infineon Technologies AG FD1600R17KF6C_B2 Datasheet HTML 8Page - Infineon Technologies AG FD1600R17KF6C_B2 Datasheet HTML 9Page - Infineon Technologies AG FD1600R17KF6C_B2 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Technische Information / technical information
FD1600/1200R17KF6C_B2
IGBT-Module
IGBT-modules
!
Vorläufige Daten
preliminary data
/
`
*
/
`
*
/
`
*
/
`
*
=
%
/
#
=
%
/
#
=
%
/
#
=
%
/
#
$SQh ( U1fW
$SQh ( U1fW
$SQh ( U1fW
$SQh ( U1fW
L@32 ( N0 +,- ( J
+
L@32 ( N0 +,- ( J
+
L@32 ( N0 +,- ( J
+
L@32 ( N0 +,- ( J
+
1f s6t
0
400
800
1200
1600
2000
2400
0
50
100
150
200
250
$SQh0 &' (
)*
/
`
*
/
`
*
/
`
*
/
`
*
=
%
/
#
=
%
/
#
=
%
/
#
=
%
/
#
$SQh ( UL@W
$SQh ( UL@W
$SQh ( UL@W
$SQh ( UL@W
1f (
60 +,- ( J
+
1f (
60 +,- ( J
+
1f (
60 +,- ( J
+
1f (
60 +,- ( J
+
L@ sNt
0
1
2
3
4
5
6
7
0
50
100
150
200
250
$SQh0 &' (
)*
?D
=
/
`
*
?D
=
/
`
*
?D
=
/
`
*
?D
=
/
`
*
/
#
/
#
/
#
/
#
u>Ga, ( U W
u>Ga, ( U W
u>Ga, ( U W
u>Ga, ( U W
s t
0,001
0,01
0,1
1
10
100
0,1
1
10
100
u>Ga, /
Ms"B#?t
Ms t
0
0
0
0
;
05
0
;
H
505
0J


Similar Part No. - FD1600R17KF6C_B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FD1600R17HP4-K_B2 INFINEON-FD1600R17HP4-K_B2 Datasheet
611Kb / 12P
   Technische Information / Technical Information
2016-01-21 revision:V3.1
FD1600R17HP4_B2 INFINEON-FD1600R17HP4_B2 Datasheet
616Kb / 12P
   Technische Information / Technical Information
2016-01-19 revision:V3.1
More results

Similar Description - FD1600R17KF6C_B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW25N120T2 INFINEON-IKW25N120T2 Datasheet
376Kb / 15P
   Low Loss DuoPack : IGBT in 2nd generation TrenchStop짰 with soft, fast recovery anti-parallel EmCon diode
Rev. 2.1 Sep 08
IKW40N120T2 INFINEON-IKW40N120T2 Datasheet
380Kb / 15P
   Low Loss DuoPack : IGBT in 2nd generation TrenchStop
Rev. 2.2 Sep 08
IKW15N120T2 INFINEON-IKW15N120T2_08 Datasheet
386Kb / 15P
   Low Loss DuoPack : IGBT in 2nd generation TrenchStop technology
Rev. 2.1 Sep 08
logo
MacMic
MMG100D170B6EN MACMIC-MMG100D170B6EN Datasheet
308Kb / 5P
   1700V 100A IGBT Module
MMG100S170B MACMIC-MMG100S170B Datasheet
1Mb / 6P
   1700V 100A IGBT Module
MMG150D170B6EN MACMIC-MMG150D170B6EN Datasheet
307Kb / 5P
   1700V 150A IGBT Module
MMG150D170B MACMIC-MMG150D170B Datasheet
1Mb / 3P
   1700V 150A IGBT Module
MMG300D170B6EN MACMIC-MMG300D170B6EN Datasheet
308Kb / 5P
   1700V 300A IGBT Module
MMG50S170B MACMIC-MMG50S170B Datasheet
1Mb / 6P
   1700V 50A IGBT Module
MMG200D170B MACMIC-MMG200D170B Datasheet
1Mb / 3P
   1700V 200A IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com