Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD160N Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # DD160N
Description  Netz-Dioden-Modul Rectifier Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DD160N Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button DD160N Datasheet HTML 2Page - Infineon Technologies AG DD160N Datasheet HTML 3Page - Infineon Technologies AG DD160N Datasheet HTML 4Page - Infineon Technologies AG DD160N Datasheet HTML 5Page - Infineon Technologies AG DD160N Datasheet HTML 6Page - Infineon Technologies AG DD160N Datasheet HTML 7Page - Infineon Technologies AG DD160N Datasheet HTML 8Page - Infineon Technologies AG DD160N Datasheet HTML 9Page - Infineon Technologies AG DD160N Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
N
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DD160N
DAEC / 09-02-11, C. Drilling
A 01/09
9/10
Seite/page
Vorläufige Daten
Preliminary data
0
500
1.000
1.500
2.000
0,01
0,1
1
10
100
1000
10000
t [s]
I FAV (vor) =
0 A
15 A
30 A
40 A
45 A
50 A
Überstrom je Zweig / Overload on-state current IF(OV)
B6- Sechspuls-Brückenschaltung, 120° Rechteck / Six-pulse bridge circuit, 120° rectangular
Kühlkörper / Heatsink type KM17 (60W) Natürliche Kühlung bei / Natural cooling at TA = 45°C
Parameter: Vorlaststrom je Zweig / Pre-load current per arm IFAV(vor)
0
500
1.000
1.500
2.000
0,01
0,1
1
10
100
1000
10000
t [s]
I FAV (vor) =
0 A
30 A
55 A
80 A
95 A
105 A
Überstrom je Zweig / Overload on-state current IF(OV)
B6- Sechspuls-Brückenschaltung, 120° Rechteck / Six-pulse bridge circuit 120° rectangular
Kühlkörper / Heatsink type KM17 (Papst 4650) Verstärkte Kühlung bei / Forced cooling at TA = 35°C
Parameter: Vorlaststrom je Zweig / Pre-load current per arm IFAV(vor)


Similar Part No. - DD160N

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DD160 COOPER-DD160 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Semtech Corporation
DD1600 SEMTECH-DD1600 Datasheet
93Kb / 2P
   FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS
logo
Diotec Semiconductor
DD1600 DIOTEC-DD1600 Datasheet
127Kb / 2P
   Fast Switching High Voltage Si-Rectifiers
DD1600 DIOTEC-DD1600 Datasheet
58Kb / 2P
   Fast Switching High Voltage Si-Rectifiers Schnelle Si-Hochspannungs-Gleichrichter
DD1600 DIOTEC-DD1600 Datasheet
133Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
More results

Similar Description - DD160N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD261N22K INFINEON-DD261N22K Datasheet
261Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
14.08.03 revision:2
DD540N22K INFINEON-DD540N22K Datasheet
228Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
06.05.03 revision:1
DD390N22S INFINEON-DD390N22S Datasheet
472Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2022-06-27 Revision 3.3
DD171N16K INFINEON-DD171N16K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD220N16S INFINEON-DD220N16S Datasheet
448Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2018-03-21 Revision 3.1
logo
eupec GmbH
DD285N EUPEC-DD285N Datasheet
241Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
logo
Infineon Technologies A...
DD171N12K INFINEON-DD171N12K Datasheet
546Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD89N12K INFINEON-DD89N12K Datasheet
231Kb / 11P
   Netz-Dioden-Modul Rectifier Diode Module
29.04.03 revision:1
DD171N INFINEON-DD171N Datasheet
583Kb / 9P
   Netz-Dioden-Modul Rectifier Diode Module
2011-03-01 revision:3.0
DD104N INFINEON-DD104N Datasheet
231Kb / 10P
   Netz-Dioden-Modul Rectifier Diode Module
Ver 1 29.04.03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com