Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D820N Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # D820N
Description  Netz-Gleichrichterdiode Rectifier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

D820N Datasheet(HTML) 6 Page - Infineon Technologies AG

  D820N Datasheet HTML 1Page - Infineon Technologies AG D820N Datasheet HTML 2Page - Infineon Technologies AG D820N Datasheet HTML 3Page - Infineon Technologies AG D820N Datasheet HTML 4Page - Infineon Technologies AG D820N Datasheet HTML 5Page - Infineon Technologies AG D820N Datasheet HTML 6Page - Infineon Technologies AG D820N Datasheet HTML 7Page - Infineon Technologies AG D820N Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
D820N
IFBIP D AEC/ 2010-01-20, H.Sandmann
A 14/10
6/8
Seite/page
Durchlassverluste
Tc beidseitig
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
200
400
600
800
1000
1200
1400
I
FAV [A]
Parameter:
a - DC
b - sin 180°el (M 1 , M 2 , B 2)
c - rec 120° el (B 6 , M 3 , M 3.2)
d - rec 60°el (M 6)
e - sin 60°el (M 1 , M 2 , B 2 Gegenspannungs-
belastung / Reverse voltage load)
f - sin 30°el (M 1 , M 2 , B 2 Gegenspannungs-
belastung / Reverse voltage load)
a
b
c
d
e
f
Durchlassverlustleistung / On-state power loss PFAV = f(IFAV)
Beidseitige Kühlung / Two-sided cooling
0
20
40
60
80
100
120
140
160
180
0
200
400
600
800
1000
1200
1400
I FAV [A]
Parameter:
a - DC
b - sin 180°el (M 1 , M 2 , B 2)
c - rec 120° el (B 6 , M 3 , M 3.2)
d - rec 60°el (M 6)
e - sin 60°el (M 1 , M 2 , B 2 Gegenspannungs-
belastung / Reverse voltage load)
f - sin 30°el (M 1 , M 2 , B 2 Gegenspannungs-
belastung / Reverse voltage load)
a
b
c
d
e
f
Höchstzulässige Gehäusetemperatur / Maximum allowable case temperature TC = f(IFAV)
Beidseitige Kühlung / Two-sided cooling


Similar Part No. - D820N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D82025U2JH6 VISHAY-D82025U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D82025U2JH6 VISHAY-D82025U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D820J20SL0F6.J5R VISHAY-D820J20SL0F6.J5R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D820J20SL0F6.L2R VISHAY-D820J20SL0F6.L2R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D820J20SL0H6.J5R VISHAY-D820J20SL0H6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
More results

Similar Description - D820N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D850N INFINEON-D850N Datasheet
236Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2008-09-15 revision:3.0
46DN06 INFINEON-46DN06 Datasheet
183Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2011-02-17 revision:3.0
D650N INFINEON-D650N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-19 revision:3.1
65DN06B02 INFINEON-65DN06B02 Datasheet
447Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-08-26 Revision: 3.1
38DN06B02 INFINEON-38DN06B02 Datasheet
415Kb / 9P
   Netz-Gleichrichterdiode Rectifier Diode
2020-12-01 Revision: 3.1
D770N INFINEON-D770N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D950N INFINEON-D950N Datasheet
217Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2010-01-20 revision:3.1
D1050N INFINEON-D1050N Datasheet
235Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2009-06-16 revision:2
D8407N INFINEON-D8407N Datasheet
186Kb / 7P
   Netz-Gleichrichterdiode Rectifier Diode
2007-10-22 revision:2
logo
eupec GmbH
D3041N EUPEC-D3041N Datasheet
288Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
46DN02 EUPEC-46DN02 Datasheet
116Kb / 12P
   Netz-Gleichrichterdiode Rectifier Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com