Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS50080-1TMB Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # BTS50080-1TMB
Description  Smart High-Side Power Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50080-1TMB Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button BTS50080-1TMB Datasheet HTML 13Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 14Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 15Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 16Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 17Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 18Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 19Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 20Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Datasheet
17
Rev. 1.0, 2008-01-23
Smart High-Side Power Switch
BTS50080-1TMB
Protection Functions
6.3
Reverse Polarity Protection - Reversafe®
The device can not block a current flow in reverse polarity condition. In order to minimize power dissipation, the
device offers Reversave® functionality. In reverse polarity condition the channel will be switched on provided a
sufficient gate to source voltage is generated
V
GS VRbb. Please refer to Figure 14 for details.
Figure 14
Reverse battery protection
Additional power is dissipated by the integrated
R
bb resistor. Use following formula for estimation of overall power
dissipation
P
diss(rev) in reverse polarity mode.
For reverse battery voltages up to
V
bb < 16 V the pin IN or the pin IS should be low ohmic connected to signal
ground. This can be achieved e.g. by using a small signal diode D in parallel to the input switch or by using a small
signal MOSFET driver. For reverse battery voltages higher then
V
bb = 16 V an additional resistor RIN is
recommended. The overall current through
R
bb should not be above 80 mA.
Note: No protection mechanism is active during reverse polarity. The IC logic is not functional.
Reverse.emf
IN
-I
L
R
bb
V
bb
R
IN
IS
R
IS
-V
bb
-I
IN
power ground
signal ground
-I
IS
I
Rbb
D
Pdiss(rev) RON(rev) IL
2
Rbb IRbb
2
+
1
RIN
---------
1
RIS
--------
+
0.08A
Vbb 12V
-------------------------------
=


Similar Part No. - BTS50080-1TMB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50080-1TMA INFINEON-BTS50080-1TMA Datasheet
560Kb / 27P
   Smart High-Side Power Switch
Rev. 1.0, Jan. 2008
BTS50080-1TMC INFINEON-BTS50080-1TMC Datasheet
562Kb / 27P
   Smart High-Side Power Switch
Rev. 1.0, Aug. 2008
More results

Similar Description - BTS50080-1TMB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com