Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS50080-1TMB Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # BTS50080-1TMB
Description  Smart High-Side Power Switch
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50080-1TMB Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button BTS50080-1TMB Datasheet HTML 10Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 11Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 12Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 13Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 14Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 15Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 16Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 17Page - Infineon Technologies AG BTS50080-1TMB Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Smart High-Side Power Switch
BTS50080-1TMB
Power Stages
Datasheet
14
Rev. 1.0, 2008-01-23
Note: Characteristics show the deviation of parameter at the given supply voltage and junction temperature.
Typical values show the typical parameters expected from manufacturing.
5.4.15
Turn-on delay after inverse
operation 2)
t
d(inv)
-1-
ms
V
bb > VOUT,
V
IN(inv) = VIN(fwd) =0V
5.4.16
Slew rate On
25% to 50% VOUT
(d
V / dt)
ON
-
0.2
0.35
V/µs
R
L = 2.2 Ω
5.4.17
Slew rate Off
50% to 25% VOUT
-(d
V/dt)
OFF
-
0.2
0.45
V/µs
R
L = 2.2 Ω
1) Please mind the limitations of the embedded protection functions. See Chapter 4.1 and Chapter 6 for details.
2) Not subject to production test, specified by design
3) Device mounted on PCB (50 mm x 50 mm x 1.5mm epoxy, FR4) with 6 cm2 copper heatsinking area (one layer, 70 µm
thick) for
V
bb connection. PCB is vertical without blown air.
4) Not subject to production test, parameters are calculated from
R
DS(ON) and Rth
5) During inverse operation (
I
L <0A, VbIN > 0 V), a current through the intrinsic body diode causing a voltage drop of VON(inv)
results in a delayed switch on with a time delay
t
d(inv) after the transition from inverse to forward operation. A sense current
I
IS(fault) can be provided by the pin IS until standard forward operation is reached.
V
bb = 12 V, Tj = -40 ... 150 °C (unless otherwise specified) Typical values are given at Vbb = 12 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.


Similar Part No. - BTS50080-1TMB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50080-1TMA INFINEON-BTS50080-1TMA Datasheet
560Kb / 27P
   Smart High-Side Power Switch
Rev. 1.0, Jan. 2008
BTS50080-1TMC INFINEON-BTS50080-1TMC Datasheet
562Kb / 27P
   Smart High-Side Power Switch
Rev. 1.0, Aug. 2008
More results

Similar Description - BTS50080-1TMB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com