Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK740-420 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK740-420
Description  3.3V/5A Single Output Separate Excitation Chopper Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK740-420 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK740-420 Datasheet HTML 1Page - Sanyo Semicon Device STK740-420 Datasheet HTML 2Page - Sanyo Semicon Device STK740-420 Datasheet HTML 3Page - Sanyo Semicon Device STK740-420 Datasheet HTML 4Page - Sanyo Semicon Device STK740-420 Datasheet HTML 5Page - Sanyo Semicon Device STK740-420 Datasheet HTML 6Page - Sanyo Semicon Device STK740-420 Datasheet HTML 7Page - Sanyo Semicon Device STK740-420 Datasheet HTML 8Page - Sanyo Semicon Device STK740-420 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STK740-441
No.6106–4/10
Test Circuit
1
2
3
4
5
6
7
8
9
10
11
12
DC
INPUT
GND
OUTPUT
(3.3V)
ON/OFF
Vo adjust
L1
GND
C1
C2
FB
C1
: 220
µF/10V (OS capacitor)
C2
: 2200
µF/6.3V
L1
: 30
µH
FB
: Ferrite-bead core
Overvoltage Protection Circuit
In a constant-voltage power supply circuit output voltage may generally exceed the stipulated rating (equivalent to input
voltage) when the circuit is broken down or the IC and the printed circuit board is wrongly soldered. Therefore overvoltage
protection circuit is recommended to use to minimize the damages caused by the overvoltage.
Sample the overvoltage protection circuit
DC
INPUT
GND
OUTPUT
GND
Regulator
FUSE
SCR
CR


Similar Part No. - STK740-420

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK740-420 SANYO-STK740-420 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
More results

Similar Description - STK740-420

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
STA810M SANKEN-STA810M Datasheet
445Kb / 3P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
logo
Sanyo Semicon Device
STK731B SANYO-STK731B Datasheet
160Kb / 6P
   12V Single Output MOS Chopper Regulator?
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com