Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK740-441 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK740-441
Description  3.3V/5A Single Output Separate Excitation Chopper Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK740-441 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK740-441 Datasheet HTML 1Page - Sanyo Semicon Device STK740-441 Datasheet HTML 2Page - Sanyo Semicon Device STK740-441 Datasheet HTML 3Page - Sanyo Semicon Device STK740-441 Datasheet HTML 4Page - Sanyo Semicon Device STK740-441 Datasheet HTML 5Page - Sanyo Semicon Device STK740-441 Datasheet HTML 6Page - Sanyo Semicon Device STK740-441 Datasheet HTML 7Page - Sanyo Semicon Device STK740-441 Datasheet HTML 8Page - Sanyo Semicon Device STK740-441 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STK740-441
No.6106–2/10
Electrical Characteristics at Tc = 25˚C, in the specified circuit, VIN = 5V, IO = 1A, unless othrwise specified
Specifications
Maximum Ratings at Ta = 25˚C, Tc = 25˚C, unless otherwise specified.
˚C
˚C
Recommended Operating Conditions at Ta = 25˚C
Series Construction
This product is listed in a product series due to its property such as output voltage, output current, package, and other
similar items. Since some prducts listed in the table below is under development, please refer to your Sanyo sales
representative for details.
Type number
Input voltage
4 to 8V
4 to 8V
4 to 8V
8 to 18V
2.5V
2.5V
3.3V
5.0V
Output voltage Output current
Package dimensions
(output pins not included)
STK740-411
STK740-420
STK740-441
STK740-450
STK740-471
STK740-470
STK740-480
STK740-490
26
× 37 × 4.5mm,12pins
25.5
× 46.6 × 8.5mm,12pins
26
× 37 × 4.5mm,12pins
25.5
× 46.6 × 8.5mm,12pins
26
× 37 × 4.5mm,12pins
25.5
× 46.6 × 8.5mm,12pins
25.5
× 46.6 × 8.5mm,12pins
25.5
× 46.6 × 8.5mm,12pins
5A
10A
5A
10A
5A
5A
10A
15A
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
r
u
t
a
r
e
p
m
e
t
e
t
a
r
t
s
b
u
s
C
I
g
n
i
t
a
r
e
p
Ox
a
m
c
T
5
0
1
+
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
Or
p
o
T
5
8
+
o
t
0
1
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
Sg
t
s
T
5
1
1
+
o
t
0
3
e
g
a
t
l
o
v
t
u
p
n
i
C
DV N
I
x
a
m2
1
d
n
a
,
1
1
,
6
s
n
i
P
0
1V
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
r
u
t
a
r
e
p
m
e
t
e
t
a
r
t
s
b
u
s
C
I
g
n
i
t
a
r
e
p
Oc
T
5
8
+
o
t
0
e
g
a
t
l
o
v
t
u
p
n
i
C
DV N
I
t
i
u
c
r
i
c
d
e
d
n
e
m
m
o
c
e
r
e
h
t
n
I
5
.
6
o
t
5
.
4V
t
n
e
r
r
u
c
d
a
o
Lo
It
i
u
c
r
i
c
d
e
d
n
e
m
m
o
c
e
r
e
h
t
n
I
5
o
t
1A
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
v
t
u
p
t
u
Oo
V2
.
33
.
34
.
3V
n
o
i
t
a
l
u
g
e
r
d
a
o
L
∆ O
V
A
5
o
t
A
1
=
o
I
0
5V
m
y
c
n
e
i
c
i
f
f
E
η
A
5
.
2
=
o
I8
8%
y
c
n
e
u
q
e
r
f
g
n
i
t
a
r
e
p
Oc
s
o
f5
40
55
5z
H
k
t
n
e
r
r
u
c
f
f
o
t
u
CI
T
U
C
e
d
o
m
h
c
t
a
l
,
n
i
p
66
.
1A
m
t
i
u
c
r
i
c
f
f
o
/
n
Of
f
o
Vn
i
p
12
2
.
02
3
.
0V
t
n
e
i
c
i
f
f
e
o
c
e
r
u
t
a
r
e
p
m
e
t
e
g
a
t
l
o
v
t
u
p
t
u
OT
O
V
C
7
.
1
±
mV/˚C
Tc=+25 to +85˚C
* : Under planning


Similar Part No. - STK740-441

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK740-441 SANYO-STK740-441 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
More results

Similar Description - STK740-441

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
STA810M SANKEN-STA810M Datasheet
445Kb / 3P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
logo
Sanyo Semicon Device
STK731B SANYO-STK731B Datasheet
160Kb / 6P
   12V Single Output MOS Chopper Regulator?
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com