Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3827 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3827
Description  UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3827 Datasheet(HTML) 5 Page - Linear Technology

  LTC3827 Datasheet HTML 1Page - Linear Technology LTC3827 Datasheet HTML 2Page - Linear Technology LTC3827 Datasheet HTML 3Page - Linear Technology LTC3827 Datasheet HTML 4Page - Linear Technology LTC3827 Datasheet HTML 5Page - Linear Technology LTC3827 Datasheet HTML 6Page - Linear Technology LTC3827 Datasheet HTML 7Page - Linear Technology LTC3827 Datasheet HTML 8Page - Linear Technology LTC3827 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4365
5
4365f
UV/OV Propagation Delay vs
Overdrive
Recovery Delay Time vs
Temperature
Recovery Delay Time vs VIN
OV Threshold vs Temperature
UV/OV Leakage vs Temperature
UV Threshold vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
492.5
495.0
497.5
500.0
502.5
505.0
050
100
4365 G10
507.5
–25
25
75
125
VIN = VOUT = 12V
TEMPERATURE (°C)
–50
492.5
495.0
497.5
500.0
502.5
505.0
050
100
4365 G11
507.5
–25
25
75
125
VIN = VOUT = 12V
TEMPERATURE (°C)
–75
0
0.25
0.50
0.75
4365 G12
1.00
–25
25
75
175
125
VUV/OV = 0.5V
VIN = 12V
UV
OV
OVERDRIVE (mV)
1
0
8
4
12
16
4365 G13
20
10
100
1000
VIN = VOUT = 12V
T = 25°C
TEMPERATURE (°C)
–50
0
10
20
30
40
50
050
100
4365 G14
–25
25
75
125
VIN = 34V
VIN = 12V
VIN = 2.5V
VIN (V)
0
0
10
20
30
40
50
10
20
35
4365 G15
515
30
25
125°C
25°C
–45°C
4365 G16
2.5ms/DIV
GATE
VOUT
VIN
10μF, 1k LOAD ON VOUT
60V DUAL NCH MOSFET
1V/DIV
20V/DIV
GND
GND
4365 G17
250μs/DIV
VOUT
GATE
100μF, 12Ω LOAD ON VOUT
60V SI9945 DUAL NCH MOSFET
VIN = 12V
SHDN
5V/DIV
3V/DIV
GND
GND
4365 G18
250μs/DIV
VOUT
SHDN
GATE
100μF, 12Ω LOAD ON VOUT
60V SI9945 DUAL NCH MOSFET
5V/DIV
3V/DIV
GND
GND
AC Blocking
Turn-On Timing
Turn-Off Timing


Similar Part No. - LTC3827

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3827 LINER-LTC3827 Datasheet
291Kb / 24P
   High Voltage Surge
LTC3827 LINER-LTC3827 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
logo
Linear Integrated Syste...
LTC3827 LINEAR-LTC3827 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LTC3827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4368 AD-LTC4368 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Linear Technology
LTC4368 LINER-LTC4368 Datasheet
283Kb / 6P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
logo
Maxim Integrated Produc...
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
   4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
MAX17613A MAXIM-MAX17613A Datasheet
827Kb / 28P
   4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 2/19
MAX17608 MAXIM-MAX17608 Datasheet
619Kb / 21P
   4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17612AEVKIT MAXIM-MAX17612AEVKIT Datasheet
785Kb / 9P
   MAX17612A 4.5V to 60V, 250mA, Current-Limiter with OV, UV, and Reverse Protection
Rev 1; 8/18
MAX17613AEVKIT MAXIM-MAX17613AEVKIT Datasheet
699Kb / 12P
   MAX17613A - 4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 4/19
MAX17526A MAXIM-MAX17526A Datasheet
772Kb / 27P
   5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 1; 11/18
MAX17526A MAXIM-MAX17526A_V01 Datasheet
994Kb / 27P
   5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
2021
MAX17526AEVKIT MAXIM-MAX17526AEVKIT Datasheet
960Kb / 12P
   MAX17526A ??5.5V to 60V, 6A Current Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 0; 6/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com