Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS724G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. BTS724G
Description  Smart High-Side Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS724G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BTS724G_07 Datasheet HTML 6Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 7Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 8Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 9Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 10Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 11Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 12Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 13Page - Infineon Technologies AG BTS724G_07 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
10
V1.0, 2007-05-13
Smart High-Side Power Switch
BTS724G
GND disconnect with GND pull up
352)(7
9
,1
67
287
*1'
EE
9EE
9*1'
9,1 967
Any kind of load. If VGND > VIN - VIN(T+) device stays off
Due to VGND > 0, no VST = low signal available.
Vbb disconnect with energized inductive
load
352)(7
9
,1
67
287
*1'
EE
9EE
KLJK
For inductive load currents up to the limits defined by Z
L
(max. ratings and diagram on page 10) each switch is
protected against loss of Vbb.
Consider at your PCB layout that in the case of Vbb dis-
connection with energized inductive load all the load current
flows through the GND connection.
Inductive load switch-off energy
dissipation
352)(7
9
,1
67
287
*1'
EE
(
(
(
($6
EE
/
5
(/RD
5/
/
^/=
Energy stored in load inductance:
EL = 1/2·L·I
2
L
While demagnetizing load inductance, the energy
dissipated in PROFET is
EAS= Ebb + EL - ER= VON(CL)·iL(t) dt,
with an approximate solution for RL > 0 Ω:
EAS=
IL· L
2·RL
(Vbb +|VOUT(CL)|) OQ (1+
IL·RL
|VOUT(CL)|
)
Maximum allowable load inductance for
a single switch off (one channel)4)
/ I ,/  Tj,start = 150°C, Vbb = 12 V, RL =0 Ω
ZL [mH]






 
IL [A]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn