Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS723GW Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS723GW
Description  Smart High-Side Power Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS723GW Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS723GW_07 Datasheet HTML 1Page - Infineon Technologies AG BTS723GW_07 Datasheet HTML 2Page - Infineon Technologies AG BTS723GW_07 Datasheet HTML 3Page - Infineon Technologies AG BTS723GW_07 Datasheet HTML 4Page - Infineon Technologies AG BTS723GW_07 Datasheet HTML 5Page - Infineon Technologies AG BTS723GW_07 Datasheet HTML 6Page - Infineon Technologies AG BTS723GW_07 Datasheet HTML 7Page - Infineon Technologies AG BTS723GW_07 Datasheet HTML 8Page - Infineon Technologies AG BTS723GW_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
5
V1.1, 2007-09-25
Smart High-Side Power Switch
BTS723GW
Parameter and Conditions
Symbol
Values
Unit
min
typ
Max
Thermal resistance
junction - soldering point5),6)
each channel:
Rthjs
--
--
25
K/W
junction - ambient5)
one channel active:
all channels active:
Rthja
--
--
45
41
--
--
6
)
Soldering point: Upper side of solder edge of device pin 15. See page 15
Electrical Characteristics
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = -40...+150°C,
Vbb = 24 V unless otherwise specified
min
typ
Max
Load Switching Capabilities and Characteristics
On-state resistance (Vbb to OUT); IL = 2 A, V
bb ≥ 7V
each channel,
Tj = 25°C:
Tj = 150°C:
two parallel channels,
Tj = 25°C:
see diagram, page 12
RON
--
--
--
90
170
45
105
210
53
m


Similar Part No. - BTS723GW_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS723GW INFINEON-BTS723GW Datasheet
330Kb / 15P
   Smart High-Side Power Switch Two Channels: 2 x 100m??Status Feedback Suitable for 42V
2003-Oct-01
More results

Similar Description - BTS723GW_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com