Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS716G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part No. BTS716G
Description  Smart High-Side Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS716G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS716G Datasheet HTML 7Page - Infineon Technologies AG BTS716G Datasheet HTML 8Page - Infineon Technologies AG BTS716G Datasheet HTML 9Page - Infineon Technologies AG BTS716G Datasheet HTML 10Page - Infineon Technologies AG BTS716G Datasheet HTML 11Page - Infineon Technologies AG BTS716G Datasheet HTML 12Page - Infineon Technologies AG BTS716G Datasheet HTML 13Page - Infineon Technologies AG BTS716G Datasheet HTML 14Page - Infineon Technologies AG BTS716G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
11
V1.0, 2007-05-13
Smart High-Side Power Switch
BTS716G
Typ. on-state resistance
521 I 9EE7M ; IL = 2 A, IN = high
RON [mOhm]











7M ƒ&
ƒ&
ƒ&
Vbb [V]
Typ. standby current
,EE RII I 7M ; Vbb = 9...34 V, IN1,2,3,4 = low
Ibb(off) [
µA]
















Tj [°C]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn