Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS716G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part No. BTS716G
Description  Smart High-Side Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS716G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS716G Datasheet HTML 5Page - Infineon Technologies AG BTS716G Datasheet HTML 6Page - Infineon Technologies AG BTS716G Datasheet HTML 7Page - Infineon Technologies AG BTS716G Datasheet HTML 8Page - Infineon Technologies AG BTS716G Datasheet HTML 9Page - Infineon Technologies AG BTS716G Datasheet HTML 10Page - Infineon Technologies AG BTS716G Datasheet HTML 11Page - Infineon Technologies AG BTS716G Datasheet HTML 12Page - Infineon Technologies AG BTS716G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
9
V1.0, 2007-05-13
Smart High-Side Power Switch
BTS716G
Input circuit (ESD protection), IN1 to IN4
,1
*1'
,
5
(6'='
,,
,
The use of ESD zener diodes as voltage clamp at DC
conditions is not recommended.
Status output, ST1/2 or ST3/4
67
*1'
(6'
='
9
5 67 21
ESD-Zener diode: 6.1 V typ., max 0.3 mA; RST(ON) < 375 Ω
at 1.6 mA. The use of ESD zener diodes as voltage clamp at
DC conditions is not recommended.
Inductive and overvoltage output clamp,
OUT1...4
9EE
287
9=
9 21
3RZHU *1'
VON clamped to VON(CL) = 47 V typ.
Overvolt. and reverse batt. protection
 9EE
,1
67
67
5
*1'
*1'
5
6LJQDO *1'
/RJLF
9=
,
5
9=
/RDG*1'
/RDG
5
287
67
5
 9
VZ1 = 6.1 V typ., VZ2 = 47 V typ., RGND = 150
Ω,
RST= 15 k
Ω, RI= 3.5 kΩ typ.
In case of reverse battery the load current has to be
limited by the load. Temperature protection is not
active
Open-load detection, OUT1...4
OFF-state diagnostic condition:
Open Load, if
VOUT > 3 V typ.; IN low
2SHQ ORDG
GHWHFWLRQ
/RJLF
XQLW
9287
6LJQDO *1'
2))
5(;7
9EE
GND disconnect
352)(7
9
,1
67
287
*1'
EE
9EE 9,1 967
9*1'
Any kind of load. In case of IN = high is
VOUT
VIN - VIN(T+).
Due to VGND > 0, no VST = low signal available.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn