Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS716G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part No. BTS716G
Description  Smart High-Side Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS716G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BTS716G Datasheet HTML 4Page - Infineon Technologies AG BTS716G Datasheet HTML 5Page - Infineon Technologies AG BTS716G Datasheet HTML 6Page - Infineon Technologies AG BTS716G Datasheet HTML 7Page - Infineon Technologies AG BTS716G Datasheet HTML 8Page - Infineon Technologies AG BTS716G Datasheet HTML 9Page - Infineon Technologies AG BTS716G Datasheet HTML 10Page - Infineon Technologies AG BTS716G Datasheet HTML 11Page - Infineon Technologies AG BTS716G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
8
V1.0, 2007-05-13
Smart High-Side Power Switch
BTS716G
Truth Table
Channel 1 and 2
Chip 1
IN1
IN2
OUT1
OUT2
ST1/2
Channel 3 and 4
(equivalent to channel 1 and 2)
Chip 2
IN3
IN4
OUT3
OUT4
ST3/4
Normal operation
L
L
H
H
L
H
L
H
L
L
H
H
L
H
L
H
H
H
H
H
Open load
Channel 1 (3)
L
H
X
X
Z
H
X
X
L20)
H
Channel 2 (4)
X
X
L
H
X
X
Z
H
L15)
H
Overtemperature
both channel
L
X
H
L
H
X
L
L
L
L
L
L
H
L
L
Channel 1 (3)
L
H
X
X
L
L
X
X
H
L
Channel 2 (4)
X
X
L
H
X
X
L
L
H
L
L = "Low" Level
X = don't care
Z = high impedance, potential depends on external circuit
H = "High" Level
Status signal valid after the time delay shown in the timing diagrams
Parallel switching of channel 1 and 2 (also channel 3 and 4) is easily possible by connecting the inputs and
outputs in parallel (see truth table). If switching channel 1 to 4 in parallel, the status outputs ST1/2 and ST3/4
have to be configured as a 'Wired OR' function with a single pull-up resistor.
Terms
352)(7
,1
67
287
*1'
9EE
9287
,*1'
921


/HDGIUDPH


,1
9287
921
,/
287


9,1 9,1 967
,EE
,,1
, ,1
,67
,/
5 *1'
9
EE
&KLS 
352)(7
,1
67
287
*1'
9EE
9287
,*1'
921


/HDGIUDPH


,1
9287
921
,/
287


9,1 9,1 967
,,1
,,1
,67
,/
5 *1'
&KLS 
Leadframe (Vbb) is connected to pin 1,10,11,12,15,16,19,20
External RGND optional; two resistors RGND1, RGND2 = 150
Ω or a single resistor RGND =75 Ω for reverse
battery protection up to the max. operating voltage.
20
) L, if potential at the Output exceeds the OpenLoad detection voltage


Similar Part No. - BTS716G

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS716GB INFINEON-BTS716GB Datasheet
320Kb / 16P
   Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
V1.0, 2007-05-13
More results

Similar Description - BTS716G

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BTS50015_1TAA INFINEON-BTS50015_1TAA Datasheet
2Mb / 47P
   Smart High-Side Power Switch
Rev. 1.3, 2014-06-03
BTS50015-1TAD INFINEON-BTS50015-1TAD Datasheet
1Mb / 51P
   Smart High-Side Power Switch
Rev. 1.0 2016-02-26
BTS5090-2EKA INFINEON-BTS5090-2EKA_11 Datasheet
1Mb / 54P
   Smart High-Side Power Switch
Rev. 2.1, 2011-09-01
BTS5016-2EKA INFINEON-BTS5016-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev 1.0, 2013-06-17
Vishay Siliconix
Vishay Siliconix
SI4750DY VISHAY-SI4750DY Datasheet
88Kb / 8P
   Smart Power High-Side Switch
Infineon Technologies AG
Infineon Technologies A...
BSP452 INFINEON-BSP452_07 Datasheet
189Kb / 10P
   Smart High-Side Power Switch
V1.0, 2007-05-25
BSP742RI INFINEON-BSP742RI_07 Datasheet
278Kb / 18P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP742T INFINEON-BSP742T_07 Datasheet
238Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP762T INFINEON-BSP762T_07 Datasheet
238Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5045-2EKA INFINEON-BTS5045-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS5120-2EKA INFINEON-BTS5120-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz