Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS716G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part No. BTS716G
Description  Smart High-Side Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS716G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS716G Datasheet HTML 3Page - Infineon Technologies AG BTS716G Datasheet HTML 4Page - Infineon Technologies AG BTS716G Datasheet HTML 5Page - Infineon Technologies AG BTS716G Datasheet HTML 6Page - Infineon Technologies AG BTS716G Datasheet HTML 7Page - Infineon Technologies AG BTS716G Datasheet HTML 8Page - Infineon Technologies AG BTS716G Datasheet HTML 9Page - Infineon Technologies AG BTS716G Datasheet HTML 10Page - Infineon Technologies AG BTS716G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
7
V1.0, 2007-05-13
Smart High-Side Power Switch
BTS716G
Parameter and Conditions, each of the four channels
Symbol
Values
Unit
at Tj = -40...+150°C,
Vbb = 12 V unless otherwise specified
min
typ
max
Reverse Battery
Reverse battery voltage 17)
-
Vbb
--
--
32
V
Drain-source diode voltage (Vout > Vbb)
IL = - 2.0 A, Tj = +150°C
-
VON
--
600
--
mV
Diagnostic Characteristics
Open load detection voltage
V OUT(OL)
1
1.7
2.8
4.0
V
Input and Status Feedback18)
Input resistance
(see circuit page 9)
RI
2.5
4.0
6.0
k
Input turn-on threshold voltage
VIN(T+)
--
--
2.5
V
Input turn-off threshold voltage
VIN(T-)
1.0
--
--
V
Input threshold hysteresis
VIN(T)
--
0.2
--
V
Status change after positive input slope19)
with open load
td(STon)
--
10
20
—s
Status change after positive input slope19)
with overload
td(STon)
30
--
--
—s
Status change after negative input slope
with open load
td(SToff)
--
--
500
—s
Status change after negative input slope19)
with overtemperature
td(SToff)
--
--
20
—s
Off state input current
VIN = 0.4 V: IIN(off)
5
--
20
µA
On state input current
VIN = 5 V: IIN(on)
10
35
60
µA
Status output (open drain)
Zener limit voltage
IST = +1.6 mA:
ST low voltage
IST = +1.6 mA:
VST(high)
VST(low)
5.4
--
--
--
--
0.6
V
17
) Requires a 150 Ω resistor in GND connection. The reverse load current through the intrinsic drain-source
diode has to be limited by the connected load. Power dissipation is higher compared to normal operating
conditions due to the voltage drop across the drain-source diode. The temperature protection is not active
during reverse current operation! Input and Status currents have to be limited (see max. ratings page 4 and
circuit page 9).
18
) If ground resistors R
GND are used, add the voltage drop across these resistors.
19
) not subject to production test, specified by design


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn