Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC68302PV20 Datasheet(PDF) 20 Page - Motorola, Inc

Part No. MC68302PV20
Description  Integrated Multiprotocol Processor User’s Manual
Download  480 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC68302PV20 Datasheet(HTML) 20 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 20 / 480 page
background image
Table of Contents
Figure
Title
Page
Number
Number
xx
MC68302 USER’S MANUAL
MOTOROLA
Appendix B
Development Tools and Support
Figure B-1.
Software Overview .....................................................................................B-3
Figure B-2.
MC68302FADS ..........................................................................................B-8
Appendix C
RISC Microcode from RAM
Figure C-1.
CP Architecture Running RAM Microcode .................................................C-1
Appendix D
MC68302 Applications
Figure D-1.
MC68302 Minimum System Configuration (Sheet 1 of 2)..........................D-2
Figure D-2.
MC68302 Minimum System Configuration (Sheet 2 of 2)..........................D-3
Figure D-3.
Transmit and Receive BD Structure...........................................................D-7
Figure D-4.
Transmit and Receive BD Tables ..............................................................D-8
Figure D-5.
Pointer during Execution ............................................................................D-9
Figure D-6.
Transmit and Receive BD Tables and Buffers .........................................D-18
Figure D-7.
Typical IDMA External Cycles (Normal Operation) ..................................D-27
Figure D-8.
Typical IDMA External Cycles Showing Block Transfer Termination.......D-28
Figure D-9.
Typical IDMA Source to Word Destination IDMA Cycles .........................D-28
Figure D-10. Burst Mode Cycles ...................................................................................D-29
Figure D-11. ISDN Voice/Data Terminal .......................................................................D-30
Figure D-12. IDL Bus Boundaries .................................................................................D-32
Figure D-13. IDL Frame Structure.................................................................................D-33
Figure D-14. IDL Bus to Other Slaves ..........................................................................D-34
Figure D-15. Serial Interface Configuration...................................................................D-35
Figure D-16. SCP Bus Interconnection .........................................................................D-38
Figure D-17. Discrete Signal Interconnection ...............................................................D-40
Figure D-18. CODEC/IDL Electrical Connection...........................................................D-41
Figure D-19. Typical Slave Mode Example...................................................................D-42
Figure D-20. Dual Master-Slave System.......................................................................D-46
Figure D-21. NMSI Pin Definitions ................................................................................D-48
Figure D-22. Multiplexed Modes Example ....................................................................D-49
Figure D-23. Simplest Transmit Case in NMSI .............................................................D-53
Figure D-24. Simplest Receive Case in NMSI ..............................................................D-53
Figure D-25. Using CTS In the NMSI Transmit Case ...................................................D-54
Figure D-26. Using CD (Sync) In the NMSI Transmit Case ..........................................D-55
Figure D-27. Using CD (Sync) in the NMSI Receive Case ...........................................D-56
Figure D-28. External Loopback with RTS Connected to CD .......................................D-56
Figure D-29. Routing Channels in PCM Envelope Mode..............................................D-61
Figure D-30. PCM Transmission Timing Technique .....................................................D-63
Figure D-31. SCP Timing ..............................................................................................D-69
Figure D-32. Local Talk Adaptor Board ........................................................................D-71


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn