Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC68302PV20 Datasheet(PDF) 58 Page - Motorola, Inc

Part No. MC68302PV20
Description  Integrated Multiprotocol Processor User’s Manual
Download  480 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302PV20 Datasheet(HTML) 58 Page - Motorola, Inc

Back Button MC68302PV20 Datasheet HTML 54Page - Motorola, Inc MC68302PV20 Datasheet HTML 55Page - Motorola, Inc MC68302PV20 Datasheet HTML 56Page - Motorola, Inc MC68302PV20 Datasheet HTML 57Page - Motorola, Inc MC68302PV20 Datasheet HTML 58Page - Motorola, Inc MC68302PV20 Datasheet HTML 59Page - Motorola, Inc MC68302PV20 Datasheet HTML 60Page - Motorola, Inc MC68302PV20 Datasheet HTML 61Page - Motorola, Inc MC68302PV20 Datasheet HTML 62Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 480 page
background image
System Integration Block (SIB)
3-8
MC68302 USER’S MANUAL
MOTOROLA
DNS—Done Not Synchronized
This bit is set if operand packing is performed between 16-bit memory and an 8-bit periph-
eral and the DONE signal is asserted as an input to the IDMA (i.e., by the peripheral) dur-
ing the first access of the 8-bit peripheral. In such a case, the IDMA will still attempt to
finish the second access of the 8-bit peripheral even though DONE has been asserted
(the access could be blocked with external logic); however, the DNS bit will be set to sig-
nify this condition. DNS will not be set if the transfer is terminated by an odd byte count,
since, in this case, the exact number of requested bytes will be transferred by the IDMA.
BES—Bus Error Source
This bit indicates that the IDMA channel terminated with an error returned during the read
cycle. The channel terminates the IDMA operation without setting DONE. BES is cleared
by writing a one or by setting RST in the CMR. Writing a zero has no effect on BES.
BED—Bus Error Destination
This bit indicates that the IDMA channel terminated with an error during the write cycle.
The channel terminates the IDMA operation without setting DONE. BED is cleared by writ-
ing a one or by setting RST in the CMR. Writing a zero has no effect on BED.
DONE—Normal Channel Transfer Done
This bit indicates that the IDMA channel has terminated normally. Normal channel termi-
nation is defined as 1) having decremented the BCR to zero with no errors occurring dur-
ing any IDMA transfer bus cycle or 2) by the external peripheral asserting DONE with no
errors occurring during any IDMA transfer bus cycle. DONE will not be set if the channel
terminates due to an error. DONE is cleared by writing a one or by a software RST in the
CMR. Writing a zero has no effect on this bit.
3.1.3 Interface Signals
The IDMA channel has three dedicated control signals: DMA request (DREQ), DMA ac-
knowledge (DACK), and end of IDMA transfer (DONE). The IDMA’s use of the bus arbitra-
tion signals is described in 3.1.6 DMA Bus Arbitration. The peripheral used with these
signals may be either a source or a destination of the transfers.
3.1.3.1 DREQ and DACK
These are handshake signals between the peripheral requiring service and the IMP. When
the peripheral requires IDMA service, it asserts DREQ, and the IMP begins the IDMA pro-
cess. When the IDMA service is in progress, DACK is asserted during accesses to the de-
vice. These signals are not used when the IDMA is programmed to internal request modes.
3.1.3.2 DONE
This bidirectional signal is used to indicate the last IDMA transfer. With internal request
modes, the IDMA activates DONE as an output during the last IDMA bus cycle. If DONE is
externally asserted during internal request modes, the IDMA transfer is terminated. With ex-
ternal request modes, DONE may be used as an input to the IDMA controller indicating that
the device being serviced requires no more transfers and that the transmission is to be ter-
minated. DONE is an output if the transfer count is exhausted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn