Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2144-14 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2144-14
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2144-14 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2144-14 Datasheet HTML 4Page - Linear Technology LTC2144-14 Datasheet HTML 5Page - Linear Technology LTC2144-14 Datasheet HTML 6Page - Linear Technology LTC2144-14 Datasheet HTML 7Page - Linear Technology LTC2144-14 Datasheet HTML 8Page - Linear Technology LTC2144-14 Datasheet HTML 9Page - Linear Technology LTC2144-14 Datasheet HTML 10Page - Linear Technology LTC2144-14 Datasheet HTML 11Page - Linear Technology LTC2144-14 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC2145-12/
LTC2144-12/LTC2143-12
8
21454312p
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Data Outputs (LVDS Mode)
tD
ENC to Data Delay
CL = 5pF (Note 8)
l
1.1
1.8
3.2
ns
tC
ENC to CLKOUT Delay
CL = 5pF (Note 8)
l
1
1.5
2.7
ns
tSKEW
DATA to CLKOUT Skew
tD – tC (Note 8)
l
0
0.3
0.6
ns
Pipeline Latency
6.5
Cycles
SPI Port Timing (Note 8)
tSCK
SCK Period
Write Mode
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
l
40
250
ns
ns
tS
CS to SCK Setup Time
l
5ns
tH
SCK to CS Setup Time
l
5ns
tDS
SDI Setup Time
l
5ns
tDH
SDI Hold Time
l
5ns
tDO
SCK Falling to SDO Valid
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
125
ns
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND they will be
clamped by internal diodes. When these pin voltages are taken above VDD
they will not be clamped by internal diodes. This product can handle input
currents of greater than 100mA below GND without latchup.
Note 5: VDD = OVDD = 1.8V, fSAMPLE = 125MHz (LTC2145), 105MHz
(LTC2144), or 80MHz (LTC2143), LVDS outputs, differential ENC+/ENC=
2VP-P sine wave, input range = 2VP-P with differential drive, unless
otherwise noted.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
best fit straight line to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 7: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 0000 0000 0000 and 1111 1111 1111 in
2’s complement output mode.
Note 8: Guaranteed by design, not subject to test.
Note 9: VDD = 1.8V, fSAMPLE = 125MHz (LTC2145), 105MHz (LTC2144),
or 80MHz (LTC2143), CMOS outputs, ENC+ = single-ended 1.8V square
wave, ENC= 0V, input range = 2VP-P with differential drive, 5pF load on
each digital output unless otherwise noted. The supply current and power
dissipation specifications are totals for the entire IC, not per channel.
Note 10: Recommended operating conditions.


Similar Part No. - LTC2144-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2144-14 LINER-LTC2144-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
More results

Similar Description - LTC2144-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2267-12 LINER-LTC2267-12_15 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2268-12 LINER-LTC2268-12_15 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2268-12 LINER-LTC2268-12 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2143-12 LINER-LTC2143-12_15 Datasheet
1Mb / 38P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2144-12 LINER-LTC2144-12_15 Datasheet
1Mb / 38P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2266-12 LINER-LTC2266-12_15 Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2145-12 LINER-LTC2145-12_15 Datasheet
1Mb / 38P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2173-12 LINER-LTC2173-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2175-12 LINER-LTC2175-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
LTC2174-12 LINER-LTC2174-12_15 Datasheet
1Mb / 34P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com