Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK4352 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK4352
Description  AF Power Amplifier (7W 7W min, THD = 1.0%)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4352 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK4352 Datasheet HTML 1Page - Sanyo Semicon Device STK4352 Datasheet HTML 2Page - Sanyo Semicon Device STK4352 Datasheet HTML 3Page - Sanyo Semicon Device STK4352 Datasheet HTML 4Page - Sanyo Semicon Device STK4352 Datasheet HTML 5Page - Sanyo Semicon Device STK4352 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STK4352
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
61197HA (ID) / 8058MO / 2033KI, TS No. 1228—1/6
Ordering number: EN 1228C
Thick Film Hybrid IC
AF Power Amplifier
(7W + 7W min, THD = 1.0%)
Features
• Small and slim package with 25.5mm height.
• Capable of guaranteeing substrate temperature 125
°C,
thereby reducing heat sink.
• Excellent cost performance.
Package Dimensions
unit: mm
4032
[STK4352]
Specifications
Maximum Ratings at Ta = 25
°C
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Pin 4 to 7, 12
39
V
Thermal resistance
θj-c
One power transistor
7
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
TC
125
°C
Storage temperature
Tstg
−30 to +125
°C
Available time for load short-circuit
ts
VCC = 27V, RL = 8Ω, Po = 7W, f = 50Hz
2
s
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
27
V
Load resistance
RL
8


Similar Part No. - STK4352

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4352 ETC1-STK4352 Datasheet
1Mb / 19P
   Features of the IMST Hybird ICs
logo
Sanyo Semicon Device
STK4352V SANYO-STK4352V Datasheet
119Kb / 1P
   2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
More results

Similar Description - STK4352

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
   7W AF POWER AMPLIFIER
logo
Sanyo Semicon Device
STK4362 SANYO-STK4362 Datasheet
441Kb / 6P
   AF Power Amplifier (10W 10W min, THD = 1.0%)
STK4432 SANYO-STK4432 Datasheet
244Kb / 7P
   AF Power Amplifier (25W 25W min, THD = 1.0%)
STK4332 SANYO-STK4332 Datasheet
460Kb / 6P
   AF Power Amplifier (5W 5W min, THD = 1.0%)
logo
NTE Electronics
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
   Integrated Circuit AF Power Amplifier, 7W
logo
Sanyo Semicon Device
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
   2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
   7W Audio Power Amplifier
logo
STMicroelectronics
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
   7W AUDIO AMPLIFIER
logo
Sanyo Semicon Device
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com