Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

STK4241V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. STK4241V
Description  AF Power Amplifier (Split Power Supply) (120W120W min, THD = 0.08%)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

STK4241V Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STK4241V
No. 4587—2/4
Operating Characteristics at Ta = 25
°C, V
CC = ±54V, RL = 8Ω (noninductive load), Rg = 600Ω, VG = 40dB
Notes.
All tests are measured using a regulated voltage supply unless otherwise specified.
1. Available time for load short-circuit and output noise voltage are measured using the transformer supply specified below.
2. The output noise voltage is the peak value of an average-reading meter with an rms value scale (VTVM). The noise voltage waveform includes no flicker noise.
Specified Transformer Supply (MG-250 or Equivalent)
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
VCC = ±66V
20
40
100
mA
Output power
PO
THD = 0.08%, f = 20Hz to
20kHz
120
W
Total harmonic distortion
THD
PO = 1.0W, f = 1kHz
0.08
%
Frequency response
fL, fH
PO = 1.0W,
20 to 50k
Hz
Input impedance
ri
PO = 1.0W, f = 1kHz
55
k
Output noise voltage2
VNO
VCC = ±66V, Rg = 10kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±66V
−70
0
+70
mV
Muting voltage
VM
−2
−5
−10
V
+0
−3 dB


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn