Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAM4001 Datasheet(PDF) 1 Page - Semikron International

Part # SAM4001
Description  Standard Avalanche Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SAM4001 Datasheet(HTML) 1 Page - Semikron International

  SAM4001_10 Datasheet HTML 1Page - Semikron International SAM4001_10 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount diode
Standard Avalanche
Diodes
SAM 4001 ... SAM 4007
Forward Current: 1 A
Reverse Voltage: 50 to 1000 V
Features
Mechanical Data
1)
2)
3)
4)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
SAM 4001 ... SAM 4007
1
05-03-2010 MAM
© by SEMIKRON


Similar Part No. - SAM4001_10

ManufacturerPart #DatasheetDescription
logo
Semikron International
SAM4001 SEMIKRON-SAM4001 Datasheet
137Kb / 2P
   Standard Avalanche Diodes
More results

Similar Description - SAM4001_10

ManufacturerPart #DatasheetDescription
logo
Semikron International
SA2A SEMIKRON-SA2A_10 Datasheet
187Kb / 2P
   Standard Avalanche Diodes
SA3A SEMIKRON-SA3A_10 Datasheet
192Kb / 2P
   Standard Avalanche Diodes
SA2A SEMIKRON-SA2A Datasheet
147Kb / 2P
   Standard Avalanche Diodes
SAM4001 SEMIKRON-SAM4001 Datasheet
137Kb / 2P
   Standard Avalanche Diodes
GLA1A SEMIKRON-GLA1A Datasheet
159Kb / 2P
   Standard Avalanche Diodes
SA1A SEMIKRON-SA1A Datasheet
147Kb / 2P
   Standard Avalanche Diodes
SA3A SEMIKRON-SA3A Datasheet
147Kb / 2P
   Standard Avalanche Diodes
SA1A SEMIKRON-SA1A_09 Datasheet
188Kb / 2P
   Standard Avalanche Diodes
logo
Diotec Semiconductor
BYG10D DIOTEC-BYG10D Datasheet
159Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000 Datasheet
167Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com