Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGD-8-326-E1F12-BH-FA Datasheet(PDF) 1 Page - Semikron International

Part # IGD-8-326-E1F12-BH-FA
Description  Three-phase inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

IGD-8-326-E1F12-BH-FA Datasheet(HTML) 1 Page - Semikron International

  IGD-8-326-E1F12-BH-FA Datasheet HTML 1Page - Semikron International IGD-8-326-E1F12-BH-FA Datasheet HTML 2Page - Semikron International IGD-8-326-E1F12-BH-FA Datasheet HTML 3Page - Semikron International IGD-8-326-E1F12-BH-FA Datasheet HTML 4Page - Semikron International IGD-8-326-E1F12-BH-FA Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IGD-8-326-E1F12-BH-FA
© by SEMIKRON
Rev. 0 – 03.08.2009
1
IGBT Module Stack
B6CI
Three-phase inverter
SEMIKUBE - Size 3H
IGD-8-326-E1F12-BH-FA
Preliminary Data
Features
• Highly compact
• Integrated current, voltage and
temperature sensors
• Easy maintenance
• Easy mounting and dismounting
• Very high Life-Time Expectancy
• Very low inductive DC bus
Typical Applications
• Industrial
• AC motor control
•UPS
• Solar inverter
• Oil and gas pumps
No. 08800930
Footnotes
Electrical parameters to be derated for Tamb
> 40°C
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Electrical Data
Irms
Tamb=40°C,
3kHz, 650Vdc,
400Vac, cos=0,85
no overload
1230
A
110% overload,
60s every 10min
1200
1320
A
150% overload,
60s every 10min
920
1390
A
VCES
1200
V
fsw
max. switching frequency
20
kHz
VDC
DC voltage applied to the capacitor
bank
750
V
VAC
network voltage (line side), -20% /
+15%
460
V
Visol
50Hz / 1min
2500
V
Ptot
Tamb=40°C
10320
W
Tj
Tvj for continous operation
-40
125
°C
Capacitor Data
CDC
value 0...-15%
40.18
mF
CElectrolyt
LTE
expected lifetime calculated, forced air
cooling
60
kHrs
expected lifetime calculated, w/o
forced air cooling
30
kHrs
Controller Interface Data
VS
supply voltage primary side
21.6
24
26.4
V
ISO
supply current primary side (+ external
current sensors)
270
1200
mA
VIT+
Input threshold voltage (HIGH)
0,7*Vs
V
VIT-
Input threshold voltage (LOW)
0.3*Vs
V
RIN
Input resistance
10
kΩ
ITRIPSC
Over current trip level
3600
APEAK
Ttp
Over temperature protection level
100
°C
Mechanical Data
dv/dtAIR
required airflow per fan
620
m3/h
w
approx. total weight
110
kg
Size
Width x Depth x Height (with fan)
1122
752
544
mm
Tstg
w/o need of reforming the caps
-20
40
°C
Tamb
-20
55
°C
Ths
°C
Alltitude
installation height w/o derating
1000
m
Protection
IP00
Pollution
EN 50178
2
Fan Data
Fan
included in the stack ( NO )
Type
(SKF 16 O-230-01)
VFan
Fan voltage
230
V
fFAN
Fan frequency
50
Hz
IFAN
Fan current
1.3
A
PFAN
Fan power
300
W


Similar Part No. - IGD-8-326-E1F12-BH-FA

ManufacturerPart #DatasheetDescription
logo
Semikron International
IGD-8-424-P1F9-BH-FA SEMIKRON-IGD-8-424-P1F9-BH-FA Datasheet
531Kb / 5P
   Three phase inverter
IGD-8-426-E1F12-BH-FA SEMIKRON-IGD-8-426-E1F12-BH-FA Datasheet
2Mb / 5P
   Three-phase inverter
More results

Similar Description - IGD-8-326-E1F12-BH-FA

ManufacturerPart #DatasheetDescription
logo
Semikron International
IGD-4-424-P1F7-BL-FA SEMIKRON-IGD-4-424-P1F7-BL-FA Datasheet
495Kb / 5P
   Three phase inverter
IGD-8-424-P1F9-BH-FA SEMIKRON-IGD-8-424-P1F9-BH-FA Datasheet
531Kb / 5P
   Three phase inverter
IGD-8-426-E1F12-BH-FA SEMIKRON-IGD-8-426-E1F12-BH-FA Datasheet
2Mb / 5P
   Three-phase inverter
SKAI90A2GD06-W12DI SEMIKRON-SKAI90A2GD06-W12DI Datasheet
493Kb / 8P
   Three-phase IGBT inverter
SKAI90A2GD06-W24CI SEMIKRON-SKAI90A2GD06-W24CI Datasheet
526Kb / 9P
   Three-phase IGBT inverter
SKAI45A2GD12-W12DI SEMIKRON-SKAI45A2GD12-W12DI Datasheet
484Kb / 8P
   Three-phase IGBT inverter
SKAI90A2GD06-W24DI SEMIKRON-SKAI90A2GD06-W24DI Datasheet
493Kb / 8P
   Three-phase IGBT inverter
SKAI45A2GD12-W24DI SEMIKRON-SKAI45A2GD12-W24DI Datasheet
484Kb / 8P
   Three-phase IGBT inverter
SKAI45A2D12-W24CI SEMIKRON-SKAI45A2D12-W24CI Datasheet
517Kb / 9P
   Three-phase IGBT inverter
SKAI45A2GD12-W12CI SEMIKRON-SKAI45A2GD12-W12CI Datasheet
518Kb / 9P
   Three-phase IGBT inverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com