Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFP420F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BFP420F
Description  NPN Silicon RF Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP420F Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP420F Datasheet HTML 1Page - Infineon Technologies AG BFP420F Datasheet HTML 2Page - Infineon Technologies AG BFP420F Datasheet HTML 3Page - Infineon Technologies AG BFP420F Datasheet HTML 4Page - Infineon Technologies AG BFP420F Datasheet HTML 5Page - Infineon Technologies AG BFP420F Datasheet HTML 6Page - Infineon Technologies AG BFP420F Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2007-04-20
BFP420F
1
1
2
4
3
NPN Silicon RF Transistor*
• For high gain low noise amplifiers
• Smallest Package 1.4 x 0.8 x 0.59 mm
• Noise figure F = 1.1 dB at 1.8 GHz
outstanding Gms = 20 dB at 1.8 GHz
• Transition frequency f
T = 25 GHz
• Gold metallization for high reliability
• SIEGET  25 GHz fT - Line
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
* Short term description
ESD (Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFP420F
AMs
1=B
2=E
3=C
4=E
-
-
TSFP-4
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
TA > 0 °C
TA ≤ 0 °C
VCEO
4.5
4.1
V
Collector-emitter voltage
VCES
15
Collector-base voltage
VCBO
15
Emitter-base voltage
VEBO
1.5
Collector current
IC
35
mA
Base current
IB
3
Total power dissipation2)
TS ≤ 111 °C
Ptot
160
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
-65 ... 150
Storage temperature
Tstg
-65 ... 150
1Pb-containing package may be available upon special request
2TS is measured on the collector lead at the soldering point to the pcb


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn