Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1005SR Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BF1005SR
Description  Silicon N-Channel MOSFET Tetrode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF1005SR Datasheet(HTML) 2 Page - Infineon Technologies AG

  BF1005SR Datasheet HTML 1Page - Infineon Technologies AG BF1005SR Datasheet HTML 2Page - Infineon Technologies AG BF1005SR Datasheet HTML 3Page - Infineon Technologies AG BF1005SR Datasheet HTML 4Page - Infineon Technologies AG BF1005SR Datasheet HTML 5Page - Infineon Technologies AG BF1005SR Datasheet HTML 6Page - Infineon Technologies AG BF1005SR Datasheet HTML 7Page - Infineon Technologies AG BF1005SR Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007-04-20
2
BF1005S...
Thermal Resistance
Parameter
Symbol
Value
Unit
Channel - soldering point1)
Rthchs
≤ 370
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Drain-source breakdown voltage
ID = 650 µA, VG1S = 0 , VG2S = 0
V(BR)DS
12
-
-
V
Gate1-source breakdown voltage
+IG1S = 10 mA, VG2S = 0 , VDS = 0
+V(BR)G1SS
8
-
12
Gate2 source breakdown voltage
±I
G2S = 10 mA, VG1S = 0 , VDS = 0
±V
(BR)G2SS
8
-
13
Gate1-source leakage current
VG1S = 6 V, VG2S = 0
+IG1SS
-
100
-
µA
Gate 2 source leakage current
±V
G2S = 8 V, VG1S = 0 , VDS = 0
±I
G2SS
-
-
50
nA
Drain current
VDS = 5 V, VG1S = 0 , VG2S = 4 V
IDSS
-
-
800
µA
Operating current (selfbiased)
VDS = 5 V, VG2S = 4 V
IDSO
8
13
16
mA
Gate2-source pinch-off voltage
VDS = 5 V, ID = 100 µA
VG2S(p)
-
1
-
V
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BF1005SR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1005SR INFINEON-BF1005SR Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
More results

Similar Description - BF1005SR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com