Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF999 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BF999
Description  Silicon N-Channel MOSFET Triode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF999 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BF999 Datasheet HTML 1Page - Infineon Technologies AG BF999 Datasheet HTML 2Page - Infineon Technologies AG BF999 Datasheet HTML 3Page - Infineon Technologies AG BF999 Datasheet HTML 4Page - Infineon Technologies AG BF999 Datasheet HTML 5Page - Infineon Technologies AG BF999 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2007-04-20
3
BF999
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90
105 120 °C
150
TS
0
50
100
150
mW
250
Output characteristics ID = ƒ(VDS)
0
5
10
V
20
VDS
0
2
4
6
8
10
12
14
mA
18
0V
0.1V
0.2V
0.3V
-0.1V
-0.2V
-0.3V
-0.4V
Gate transconductance gfs = ƒ(VGS)
-1
-0.5
0
0.5
V
1.5
VGS
0
5
10
15
20
mS
30
Drain current ID = (VGS)
-1
V
1
VGS
0
5
10
15
20
mA
30


Similar Part No. - BF999

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF999 SIEMENS-BF999 Datasheet
116Kb / 5P
   Silicon N Channel MOSFET Triode (For high-frequency stages up to 300 MHz, preferably in FM applications)
logo
Infineon Technologies A...
BF999 INFINEON-BF999 Datasheet
133Kb / 5P
   Silicon N-Channel MOSFET Triode
Nov-08-2002
More results

Similar Description - BF999

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF543 INFINEON-BF543 Datasheet
50Kb / 5P
   Silicon N-Channel MOSFET Triode
Jun-28-2001
BF999 INFINEON-BF999 Datasheet
133Kb / 5P
   Silicon N-Channel MOSFET Triode
Nov-08-2002
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com