Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW61A Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BCW61A
Description  PNP Silicon AF Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW61A Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BCW61A Datasheet HTML 3Page - Infineon Technologies AG BCW61A Datasheet HTML 4Page - Infineon Technologies AG BCW61A Datasheet HTML 5Page - Infineon Technologies AG BCW61A Datasheet HTML 6Page - Infineon Technologies AG BCW61A Datasheet HTML 7Page - Infineon Technologies AG BCW61A Datasheet HTML 8Page - Infineon Technologies AG BCW61A Datasheet HTML 9Page - Infineon Technologies AG BCW61A Datasheet HTML 10Page - Infineon Technologies AG BCW61A Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2007-10-18
9
BCW61..., BCX71...
Noise figure F =
ƒ(f)
VCE = 5V, ZS = ZSopt
10
EHP00356
BCW 61/BCX 71
-2
2
10
kHz
5
10
-1
10
0
F
1
10
10
15
20
dB
f
0
Noise figure F =
ƒ(IC)
VCE = 5V, f = 120Hz
10
EHP00357
BCW 61/BCX 71
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
S
R = 1 M
100 k
10 k
1 k
500
Noise figure F =
ƒ(IC)
VCE = 5V, f = 1kHz
10
EHP00358
BCW 61/BCX 71
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
= 1 M
S
R
100 k
10 k
1k
500
Noise figure F =
ƒ(IC)
VCE = 5V, f = 10kHz
10
EHP00359
BCW 61/BCX 71
-3
1
10
mA
5
10
-2
10
-1
F
0
10
10
15
20
dB
0
Ι
C
= 1 M
R
S
100 k
10 k
500
1 k


Similar Part No. - BCW61A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
BCW61A SAMSUNG-BCW61A Datasheet
32Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Nanjing International G...
BCW61A DGNJDZ-BCW61A Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCW61A SIEMENS-BCW61A Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Fairchild Semiconductor
BCW61A FAIRCHILD-BCW61A Datasheet
32Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW61A INFINEON-BCW61A Datasheet
88Kb / 9P
   PNP Silicon AF Transistor
Jul-10-2001
More results

Similar Description - BCW61A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com