Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHM120UF Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SHM120UF
Description  HIGH VOLTAGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHM120UF Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SHM120UF Datasheet HTML 1Page - Solid States Devices, Inc SHM120UF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0015C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SHM_ _ UF __ __
L
L
L
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
Package
____ = Axial
SMS = Surface Mount Square Tab
Recovery Time
UF = Ultra Fast
Voltage
15 = 1500
20 = 2000
25 = 2500
30 = 3000
40 = 4000
50 = 5000
60 = 6000
80 = 8000
100 = 10000
120 = 12000
140 = 14000
SHM15UF - SHM140UF
and
SHM15UFSMS - SHM140UFSMS
50-250 mA
1500 ─ 14000 VOLTS
60-100 nsec
HIGH VOLTAGE
RECTIFIER
FEATURES:
Ultra Fast Recovery: 60-100 nsec Maximum
PIV to 14000 Volts
Hermetically Sealed
Void-Free Construction
Metallurgically Bonded
175°C Maximum Operating Temperature
TX, TXV, and Space Level Screening Available2/
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average Rectifier Current
Maximum
Reverse Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Impedance
Symbol
PIV
I0
IR @ PIV
VF
IFSM
trr
CJ
θJE
θJL
Units
Volts
mA
μA
Volts
Amps
nsec
pF
L = 3/8”
°C/W
Conditions
25°C
100°C
25°C
100°C
25°C
25°C
25°C
VR = 100V
fT = 1MHZ
L
SMS
SHM15UF
1500
250
150
145
1.0
25
10
15
60
8
55
65
SHM20UF
2000
250
150
145
1.0
25
10
15
60
8
55
65
SHM25UF
2500
250
150
145
1.0
25
10
15
60
8
55
65
SHM30UF
3000
150
90
1.0
25
14
10
60
4
55
65
SHM40UF
4000
150
90
1.0
25
14
10
60
4
55
65
SHM50UF
5000
150
90
1.0
25
14
10
60
4
55
65
SHM60UF
6000
100
60
1.0
25
20
5
60
2
55
65
SHM80UF
8000
100
60
1.0
25
20
5
60
2
55
65
SHM100UF
10000
100
60
1.0
25
20
5
60
2
55
65
SHM120UF
12000
100
60
1.0
25
22
5
60
2
55
65
SHM140UF
14000
50
30
1.0
25
26
1
100
2
85
95
1/ For Ordering Information, Price, Operating Curves, and Availability – Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion in a
suitable dielectric material.
4/ Max. forward voltage measured with instantaneous forward pulse of 300µsec minimum.
5/ Max. end tab temp. for soldering is 250°C for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
7/ Reverse Recovery Test Conditions: IF=50mA, IR=100mA, IRR=25mA, TA=25°C.
Axial Leaded
SMS


Similar Part No. - SHM120UF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHM120UF SSDI-SHM120UF Datasheet
223Kb / 2P
   50-250 mA 1500-14000 VOLTS 60-100 nsec HIGH VOLTAGE RECTIFIER
SHM120UFSMS SSDI-SHM120UFSMS Datasheet
236Kb / 2P
   50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER
More results

Similar Description - SHM120UF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
   HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Voltage Multipliers Inc...
M180UFG VMI-M180UFG Datasheet
66Kb / 1P
   HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
FM1200W RECTRON-FM1200W Datasheet
34Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
RC0098 SSDI-RC0098 Datasheet
26Kb / 1P
   HIGH VOLTAGE RECTIFIER
RA0107B SSDI-RA0107B Datasheet
110Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
   HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
   HIGH VOLTAGE RECTIFIER
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
   HIGH VOLTAGE RECTIFIER
logo
Galaxy Semi-Conductor H...
R2500F BILIN-R2500F Datasheet
40Kb / 2P
   HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com