Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847B Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BC847B
Description  NPN Silicon AF Transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC847B Datasheet(HTML) 5 Page - Infineon Technologies AG

  BC847B Datasheet HTML 1Page - Infineon Technologies AG BC847B Datasheet HTML 2Page - Infineon Technologies AG BC847B Datasheet HTML 3Page - Infineon Technologies AG BC847B Datasheet HTML 4Page - Infineon Technologies AG BC847B Datasheet HTML 5Page - Infineon Technologies AG BC847B Datasheet HTML 6Page - Infineon Technologies AG BC847B Datasheet HTML 7Page - Infineon Technologies AG BC847B Datasheet HTML 8Page - Infineon Technologies AG BC847B Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
2007-04-20
5
BC846...-BC850...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0 , BC846...
IC = 10 mA, IB = 0 , BC847..., BC850...
IC = 10 mA, IB = 0 , BC848..., BC849...
V(BR)CEO
65
45
30
-
-
-
-
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0 , BC846...
IC = 10 µA, IE = 0 , BC847..., BC850...
IC = 10 µA, IE = 0 , BC848..., BC849...
V(BR)CBO
80
50
30
-
-
-
-
-
-
Emitter-base breakdown voltage
IE = 0 , IC = 10 µA
V(BR)EBO
-
6
-
Collector-base cutoff current
VCB = 45 V, IE = 0
VCB = 30 V, IE = 0 , TA = 150 °C
ICBO
-
-
0.015
5
-
-
µA
DC current gain1)
IC = 10 µA, VCE = 5 V, hFE-grp.A
IC = 10 µA, VCE = 5 V, hFE-grp.B
IC = 10 µA, VCE = 5 V, hFE-grp.C
IC = 2 mA, VCE = 5 V, hFE-grp.A
IC = 2 mA, VCE = 5 V, hFE-grp.B
IC = 2 mA, VCE = 5 V, hFE-grp.C
hFE
-
-
-
110
200
420
140
250
480
180
290
520
-
-
-
220
450
800
-
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VCEsat
-
-
90
200
250
600
mV
Base emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VBEsat
-
-
700
900
-
-
Base-emitter voltage1)
IC = 2 mA, VCE = 5 V
IC = 10 mA, VCE = 5 V
VBE(ON)
580
-
660
-
700
770
1Pulse test: t < 300µs; D < 2%


Similar Part No. - BC847B

ManufacturerPart #DatasheetDescription
logo
Rohm
BC847B ROHM-BC847B Datasheet
86Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
BC847B PHILIPS-BC847B Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
First Components Intern...
BC847B FCI-BC847B Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
logo
STMicroelectronics
BC847B STMICROELECTRONICS-BC847B Datasheet
57Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
logo
Guangdong Youtai Semico...
BC847B UMW-BC847B Datasheet
439Kb / 3P
   TRANSISTOR (NPN)
More results

Similar Description - BC847B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com