Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

56DN06 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. 56DN06
Description  Netz-Gleichrichterdiode Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

56DN06 Datasheet(HTML) 4 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
56DN06
IFBIP D AEC / 2011-02-17, H.Sandmann
A 05/11
4/7
Seite/page
Diagramme
Diagramme
Durchlasskennlinie
Erhöhung des Zth DC bei sinus- und rechteckförmigen Strömen für unterschiedliche Stromflusswinkel Θ
Rise of Zth DC for sinewave and rectangular current for different current conduction angles Θ
∆Zth Θ rec / ∆Zth Θ sin
Kühlung / Cooling
Θ = 180°
Θ = 120°
Θ = 90°
Θ = 60°
Θ = 30°
∆Zth Θ rec
[°C/W]
0,00115
0,00181
0,00230
0,00302
0,00424
beidseitig
two-sided
∆Zth Θ sin
[°C/W]
0,00083
0,00114
0,00153
0,00219
0,00343
Zth Θ rec = Zth DC +
∆Zth Θ rec
Zth Θ sin = Zth DC +
∆Zth Θ sin
Tvj = Tvj max
0
5.000
10.000
15.000
20.000
25.000
30.000
35.000
0,6
0,8
1
1,2
1,4
1,6
1,8
2
VF [V]
Grenzdurchlasskennlinie / Limiting on-state characteristic iF = f(vF)
Tvj = Tvj max


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn