Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

56DN06 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. 56DN06
Description  Netz-Gleichrichterdiode Rectifier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

56DN06 Datasheet(HTML) 3 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
N
Netz-Gleichrichterdiode
Rectifier Diode
Datenblatt / Data sheet
56DN06
IFBIP D AEC / 2011-02-17, H.Sandmann
A 05/11
3/7
Seite/page
Transienter Wärmewiderstand
Analytische Elemente des transienten Wärmewiderstandes Z thJC für DC
Analytical elements of transient thermal impedance Z thJC for DC
Kühlung /
Cooling
Pos. n
1
2
3
4
5
6
7
Rthn [°C/W] 0,000019
0,00032
0,001015 0,004146
-
-
-
beidseitig
two-sided
τn [s]
0,000010
0,00145
0,014031 0,071000
-
-
-
Analytische Funktion / Analytical function:
Σ
=
τ
max
n
n=1
thn
thJC
n
-t
e
1
R
Z
b
0,000
0,001
0,002
0,003
0,004
0,005
0,006
0,001
0,01
0,1
1
t [s]
Transienter innerer Wärmewiderstand für DC / Transient thermal impedance for DC
Z thJC = f(t)
b - Beidseitige Kühlung / Two-sided cooling


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn