Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX31855TASA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX31855TASA
Description  Cold-Junction Compensated Thermocouple-to-Digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31855TASA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX31855TASA Datasheet HTML 5Page - Maxim Integrated Products MAX31855TASA Datasheet HTML 6Page - Maxim Integrated Products MAX31855TASA Datasheet HTML 7Page - Maxim Integrated Products MAX31855TASA Datasheet HTML 8Page - Maxim Integrated Products MAX31855TASA Datasheet HTML 9Page - Maxim Integrated Products MAX31855TASA Datasheet HTML 10Page - Maxim Integrated Products MAX31855TASA Datasheet HTML 11Page - Maxim Integrated Products MAX31855TASA Datasheet HTML 12Page - Maxim Integrated Products MAX31855TASA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX31855
Cold-Junction Compensated
Thermocouple-to-Digital Converter
Applications Information
Noise Considerations
Because of the small signal levels involved, thermocou-
ple temperature measurement is susceptible to power-
supply coupled noise. The effects of power-supply noise
can be minimized by placing a 0.1FF ceramic bypass
capacitor close to the VCC pin of the device and to GND.
The input amplifier is a low-noise amplifier designed to
enable high-precision input sensing. Keep the thermo-
couple and connecting wires away from electrical noise
sources.
Thermal Considerations
Self-heating degrades the device’s temperature measure-
ment accuracy in some applications. The magnitude of the
temperature errors depends on the thermal conductivity
of the device package, the mounting technique, and the
effects of airflow. Use a large ground plane to improve the
device’s temperature measurement accuracy.
The thermocouple system’s accuracy can also be
improved by following these precautions:
• Usethelargestwirepossiblethatdoesnotshuntheat
away from the measurement area.
• If a small wire is required, use it only in the region
of the measurement, and use extension wire for the
region with no temperature gradient.
• Avoid mechanical stress and vibration, which could
strain the wires.
• When using long thermocouple wires, use a twisted
pair extension wire.
• Avoidsteeptemperaturegradients.
• Trytousethethermocouplewirewellwithinitstem-
perature rating.
• Usethepropersheathingmaterialinhostileenviron-
ments to protect the thermocouple wire.
• Useextensionwireonlyatlowtemperaturesandonly
in regions of small gradients.
• Keepaneventlogandacontinuousrecordofthermo-
couple resistance.


Similar Part No. - MAX31855TASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855TASA++ MAXIM-MAX31855TASA+ Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 2; 2/12
MAX31855TASA++ MAXIM-MAX31855TASA+ Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX31855TASA+T MAXIM-MAX31855TASA+T Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 2; 2/12
MAX31855TASA+T MAXIM-MAX31855TASA+T Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
More results

Similar Description - MAX31855TASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855 MAXIM-MAX31855_12 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 2; 2/12
MAX31855_1111 MAXIM-MAX31855_1111 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 1; 11/11
MAX31855 MAXIM-MAX31855_V01 Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX6674 MAXIM-MAX6674 Datasheet
131Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
Rev 1; 8/02
MAX6675 MAXIM-MAX6675_V01 Datasheet
556Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 1024째C)
19-2235; Rev 3; 6/21
MAX6674 MAXIM-MAX6674_V01 Datasheet
559Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
19-2241; Rev 2; 4/14
MAX31850 MAXIM-MAX31850 Datasheet
1Mb / 25P
   Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
MAX6675ISA MAXIM-MAX6675ISA Datasheet
411Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-digital converter (0°C to 1024°C)
Rev 1; 3/02
MAX6675 MAXIM-MAX6675 Datasheet
130Kb / 8P
   Cold-Junction-Compensated K-Thermocoupleto-Digital Converter (0째C to 1024째C)
Rev 1; 3/02
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com