Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16977RATV Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16977RATV
Description  36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16977RATV Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16977RATV Datasheet HTML 3Page - Maxim Integrated Products MAX16977RATV Datasheet HTML 4Page - Maxim Integrated Products MAX16977RATV Datasheet HTML 5Page - Maxim Integrated Products MAX16977RATV Datasheet HTML 6Page - Maxim Integrated Products MAX16977RATV Datasheet HTML 7Page - Maxim Integrated Products MAX16977RATV Datasheet HTML 8Page - Maxim Integrated Products MAX16977RATV Datasheet HTML 9Page - Maxim Integrated Products MAX16977RATV Datasheet HTML 10Page - Maxim Integrated Products MAX16977RATV Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX16977
36V, 2A, 2.2MHz Step-Down Converter
with Low Operating Current
Typical Operating Characteristics (continued)
(VSUP = VSUPSW = 14V, VEN = 14V, VOUT = 5V, VFSYNC = 0V, RFOSC = 12.1kHz, TA = +25NC, unless otherwise noted.)
VOUT vs. TEMPERATURE
(5V/2.2MHz)
4.92
4.94
4.96
4.98
5.02
5.04
5.06
5.08
5.10
4.90
5.00
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
-40
125
ILOAD = 3A
ILOAD = 0A
VIN = 14V
VOUT LINE REGULATION
(5V/2.2MHz)
SUPPLY VOLTAGE (V)
30
24
18
12
6
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
0
36
ILOAD = 0A
18
16
12 14
4
6
8 10
2
0
20
BIAS LOAD REGULATION
(5V/2.2MHz)
IBIAS (mA)
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
TA = +125°C
TA = -40°C
TA = +25°C
VOUT LINE REGULATION
(5V/2.2MHz)
SUPPLY VOLTAGE (V)
16
14
12
10
8
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
6
18
ILOAD = 2A
VOUT LOAD REGULATION
(5V/2.2MHz)
ILOAD (A)
1.6
1.2
0.8
0.4
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
0
2.0
VIN = 14V
SHORT CIRCUIT TO GROUND TEST
(5V/2.2MHz)
MAX16977 toc14
10ms/div
2V/div
5V/div
0V
0V
10A/div
0A
VPGOOD
ILX
VOUT


Similar Part No. - MAX16977RATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16977RATE++ MAXIM-MAX16977RATE+ Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977RATE/V++ MAXIM-MAX16977RATE/V+ Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
More results

Similar Description - MAX16977RATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16952 MAXIM-MAX16952 Datasheet
1Mb / 24P
   36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12
MAX16974 MAXIM-MAX16974 Datasheet
2Mb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Rev 1; 7/11
MAX16974 MAXIM-MAX16974_V01 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16936 MAXIM-MAX16936 Datasheet
2Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com