Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT5001 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT5001
Description  High Speed PNP Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5001 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT5001_1 Datasheet HTML 1Page - Solid States Devices, Inc SFT5001_1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT5001 __ __ __ __
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Lead Bend 3/ 4/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
Pin Out Configuration 5/ __ = Normal
R = Optional
Package 3/ /59 = TO-59
/66 = TO-66
J = TO-257
S.5 = SMD .5
SFT5001
5 AMPS
125 Volts
High Speed
PNP Transistor
Features:
• Radiation Tolerant
• Superior to JEDEC 2N5001 Series
• High Frequency, f
T > 80MHz
• Very Low Saturation
• Fast Switching, 130 ns Max t(on)
• Designed for Complementary Use with
SFT3997
• TX, TXV, S-Level Screening Available.
Consult Factory.
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
80
Volts
Collector – Base Voltage
VCBO
125
Volts
Emitter – Base Voltage
VEBO
7
Volts
Collector Current
IC
5
Amps
Base Current
IB
1
Amps
Total Power Dissipation @ TC = 100ºC
Derate Above 100ºC
PD
30
0.3
Watts
W/ºC
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
3.33
ºC/W
TO-59 (/59)
TO-66 (/66)
TO-257 (J)
SMD .5 (S.5)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0099A
DOC


Similar Part No. - SFT5001_1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT5001 SSDI-SFT5001 Datasheet
210Kb / 2P
   5 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
More results

Similar Description - SFT5001_1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0100B SSDI-TR0100B Datasheet
132Kb / 2P
   HIGH SPEED PNP Transistor
logo
List of Unclassifed Man...
2N5007 ETC-2N5007 Datasheet
481Kb / 6P
   HIGH SPEED PNP TRANSISTOR
logo
Solid States Devices, I...
SFT501-J SSDI-SFT501-J Datasheet
122Kb / 2P
   HIGH SPEED PNP Transistor
SFT5333A SSDI-SFT5333A_1 Datasheet
115Kb / 2P
   HIGH SPEED PNP TRANSISTOR
TR0022C SSDI-TR0022C Datasheet
177Kb / 3P
   PNP High Speed Transistor
SFT501 SSDI-SFT501_1 Datasheet
121Kb / 2P
   HIGH SPEED PNP Transistor
SFT2907A SSDI-SFT2907A_1 Datasheet
177Kb / 3P
   PNP High Speed Transistor
TR0040 SSDI-TR0040 Datasheet
121Kb / 2P
   HIGH SPEED PNP Transistor
TR0054C SSDI-TR0054C Datasheet
115Kb / 2P
   HIGH SPEED PNP TRANSISTOR
TR0099 SSDI-TR0099 Datasheet
128Kb / 2P
   High Speed PNP Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com