Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK405-030 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK405-030
Description  2ch AF Power Amplifier (Split Power Supply) 80W 80W min, THD =10%????????????
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK405-030 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK405-030 Datasheet HTML 1Page - Sanyo Semicon Device STK405-030 Datasheet HTML 2Page - Sanyo Semicon Device STK405-030 Datasheet HTML 3Page - Sanyo Semicon Device STK405-030 Datasheet HTML 4Page - Sanyo Semicon Device STK405-030 Datasheet HTML 5Page - Sanyo Semicon Device STK405-030 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image


Similar Part No. - STK405-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK405-030 SANYO-STK405-030 Datasheet
154Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 30W 30W min, THD =10%??????????
STK405-030 SANYO-STK405-030 Datasheet
152Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 40W 40 W min, THD =10%??????????
STK405-030 SANYO-STK405-030 Datasheet
153Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 50W 50W min, THD =10%??????????
STK405-030 SANYO-STK405-030 Datasheet
87Kb / 4P
   2ch AF Power Amplifier (Split Power Supply) 60W 60W min, THD =10%????????????
More results

Similar Description - STK405-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4221II SANYO-STK4221II Datasheet
146Kb / 5P
   AF Power Amplifier (Split Power Supply) (80W 80W min, THD = 0.4%)
STK405-050 SANYO-STK405-050 Datasheet
154Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 30W 30W min, THD =10%??????????
STK405-100 SANYO-STK405-100 Datasheet
87Kb / 4P
   2ch AF Power Amplifier (Split Power Supply) 60W 60W min, THD =10%????????????
STK405-110 SANYO-STK405-110 Datasheet
87Kb / 4P
   2ch AF Power Amplifier (Split Power Supply) 70W 70W min, THD =10%????????????
STK405-090 SANYO-STK405-090 Datasheet
153Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 50W 50W min, THD =10%??????????
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK405-070 SANYO-STK405-070 Datasheet
152Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 40W 40 W min, THD =10%??????????
STK4241II SANYO-STK4241II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (120W 120W min, THD = 0.4%)?
STK4201II SANYO-STK4201II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (60W 60W min, THD = 0.4%)?
STK4211II SANYO-STK4211II Datasheet
284Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) (70W 70W min, THD = 0.4%)?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com