Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16909RAUV Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16909RAUV
Description  36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16909RAUV Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16909RAUV Datasheet HTML 2Page - Maxim Integrated Products MAX16909RAUV Datasheet HTML 3Page - Maxim Integrated Products MAX16909RAUV Datasheet HTML 4Page - Maxim Integrated Products MAX16909RAUV Datasheet HTML 5Page - Maxim Integrated Products MAX16909RAUV Datasheet HTML 6Page - Maxim Integrated Products MAX16909RAUV Datasheet HTML 7Page - Maxim Integrated Products MAX16909RAUV Datasheet HTML 8Page - Maxim Integrated Products MAX16909RAUV Datasheet HTML 9Page - Maxim Integrated Products MAX16909RAUV Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX16909
36V, 220kHz to 1MHz Step-Down Converter
with Low Operating Current
Typical Operating Characteristics (continued)
(VSUP = VSUPSW = VEN = 14V, VOUT = 1.8V, R1 = 80.6kΩ, R2 = 100kΩ, TA = +25NC (Figure 4), unless otherwise noted.)
OUTPUT RESPONSE TO SLOW INPUT
(ILOAD = 3A)
MAX16909 toc12
VIN
VLX
VPGOOD
VOUT
5V/div
10V/div
10V/div
2V/div
0V
0V
0V
0V
2s/div
1.8V/400kHz
0.6I RESISTIVE LOAD
LOAD DUMP TEST (1.8V/400kHz)
MAX16909 toc11
VIN
VOUT
10V/div
2V/div
0V
0V
10ms/div
14V
42V
UNDERVOLTAGE PULSE (1.8V/400kHz)
MAX16909 toc10
VSUPSW
VLX
ILOAD
VOUT
2V/div
5V/div
20V/div
5A/div
0A
0V
0V
0V
20ms/div
SUP = 5V
RESISITIVE LOAD = 0.6I
FSYNC TRANSITION FROM INTERNAL
TO EXTERNAL FREQUENCY (1.8V/400kHz)
MAX16909 toc09
VFSNC
VLX
5V/div
10V/div
0V
0V
2µs/div
fFSYNC = 440kHz
SKIP-MODE LOAD-TRANSIENT
RESPONSE (1.8V/400kHz)
MAX16909 toc08
VOUT
AC-COUPLED
ILOAD
50mV/div
10mA/div
0A
100µs/div
VIN = 14V
PWM MODE LOAD-TRANSIENT
RESPONSE (1.8V/400kHz)
MAX16909 toc07
VOUT
AC-COUPLED
ILOAD
200mV/div
1A/div
0A
100µs/div
VIN = 14V
0.5A


Similar Part No. - MAX16909RAUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16909RAUE++ MAXIM-MAX16909RAUE+ Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16909RAUE/V++ MAXIM-MAX16909RAUE/V+ Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
More results

Similar Description - MAX16909RAUV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
MAX16955 MAXIM-MAX16955 Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 0; 3/11
MAX16955 MAXIM-MAX16955_12 Datasheet
2Mb / 26P
   36V, 1MHz Step-Down Controller with Low Operating Current
Rev 1; 9/12
MAX16936 MAXIM-MAX16936 Datasheet
2Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13
MAX16907 MAXIM-MAX16907 Datasheet
2Mb / 17P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
logo
Monolithic Power System...
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
   1A, 36V, 1MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com