Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16907SATV Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16907SATV
Description  36V, 2.2MHz Step-Down Converter with Low Operating Current
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16907SATV Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16907SATV Datasheet HTML 5Page - Maxim Integrated Products MAX16907SATV Datasheet HTML 6Page - Maxim Integrated Products MAX16907SATV Datasheet HTML 7Page - Maxim Integrated Products MAX16907SATV Datasheet HTML 8Page - Maxim Integrated Products MAX16907SATV Datasheet HTML 9Page - Maxim Integrated Products MAX16907SATV Datasheet HTML 10Page - Maxim Integrated Products MAX16907SATV Datasheet HTML 11Page - Maxim Integrated Products MAX16907SATV Datasheet HTML 12Page - Maxim Integrated Products MAX16907SATV Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
MAX16907
36V, 2.2MHz Step-Down Converter
with Low Operating Current
Pin Configurations
Pin Descriptions
PIN
NAME
FUNCTION
TSSOP
TQFN
1
15
FSYNC
Synchronization Input. The device synchronizes to an external signal applied to FSYNC.
The external clock frequency must be 10% greater than the internal clock frequency for
proper operation. Connect FSYNC to GND if the internal clock is used.
2
16
FOSC
Resistor-Programmable Switching-Frequency Setting Control Input. Connect a resistor
from FOSC to GND to set the switching frequency.
3
1
PGOOD
Open-Drain, Active-Low Output. PGOOD asserts when VOUT is below the 92.5% regula-
tion point. PGOOD deasserts when VOUT is above the 95% regulation point.
4
2
OUT
Switch Regulator Output. OUT also provides power to the internal circuitry when the out-
put voltage of the converter is set between 3V and 5V during standby mode.
5
3
FB
Feedback Input. Connect an external resistive divider from OUT to FB and GND to set
the output voltage. Connect to BIAS to set the output voltage to 5V.
6
4
COMP
Error-Amplifier Output. Connect an RC network from COMP to GND for stable operation.
See the Compensation Network section for more details.
7
5
BIAS
Linear Regulator Output. BIAS powers up the internal circuitry. Bypass with a 1FF
capacitor to ground.
8
6
GND
Ground
9
7
BST
High-Side Driver Supply. Connect a 0.1FF capacitor between LX and BST for proper
operation.
+
+
TSSOP
13
4
14
3
15
2
16
1
TOP VIEW
10
7
11
6
9
8
12
5
EP
EP
MAX16907
MAX16907
15
16
14
13
6
5
7
8
1
2
I.C.
4
12
11
9
FSYNC
FOSC
SUP
BST
GND
BIAS
3
10
EN
TQFN
(5mm × 5mm)
TOP VIEW


Similar Part No. - MAX16907SATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16907SATE++ MAXIM-MAX16907SATE+ Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16907SATE/V++ MAXIM-MAX16907SATE/V+ Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
More results

Similar Description - MAX16907SATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16907 MAXIM-MAX16907_V01 Datasheet
1Mb / 18P
   36V, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977_V01 Datasheet
1Mb / 18P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
2017
MAX16977 MAXIM-MAX16977 Datasheet
2Mb / 17P
   36V, 2A, 2.2MHz Step-Down Converter with Low Operating Current
Rev 0; 5/11
MAX16952 MAXIM-MAX16952 Datasheet
1Mb / 24P
   36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12
MAX16936 MAXIM-MAX16936 Datasheet
2Mb / 17P
   36V, 220kHz to 2.2MHz Step-Down Converter with 28μA Quiescent Current
Rev 1; 4/13
MAX16974 MAXIM-MAX16974 Datasheet
2Mb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Rev 1; 7/11
MAX16974 MAXIM-MAX16974_V01 Datasheet
985Kb / 19P
   High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16909 MAXIM-MAX16909_12 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 2; 8/12
MAX16909 MAXIM-MAX16909 Datasheet
2Mb / 18P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
Rev 0; 3/11
MAX16909 MAXIM-MAX16909_V01 Datasheet
1Mb / 20P
   36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com