Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94-22SUBC-S400-XX-S2 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 94-22SUBC-S400-XX-S2
Description  High Performance with Reflector LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

94-22SUBC-S400-XX-S2 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  94-22SUBC-S400-XX-S2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 94-22SUBC-S400-XX-S2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 94-22SUBC-S400-XX-S2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 94-22SUBC-S400-XX-S2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 94-22SUBC-S400-XX-S2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 94-22SUBC-S400-XX-S2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EVERLIGHT ELECTRONICS CO., LTD
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 5 of 6
Device No. : DSE-942-059
Prepared date: 04-23-2003
Prepared by: Teresa Lee
94-22 SUBC/S400-XX/S2
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
REF: Forward Voltage Rank
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level : 90 %
LTPD : 10 %
No.
Items
Test Condition
Test
Hours/Cycles
Sample
Size
Ac/Rc
1
Soldering Heat
Temp. : 260℃±5℃
10 sec.
22 Pcs.
0/1
2
Temperature Cycle
H : +100℃ 15min.
∫ 5 min.
L : -40℃ 15min.
300 Cycles
22 Pcs.
0/1
3
Thermal Shock
H : +100℃ 5min.
∫ 10 sec.
L : -10℃ 5min.
300 Cycles
22 Pcs.
0/1
4
High Temperature
Storage
Temp. : 100℃
1000 Hrs.
22 Pcs.
0/1
5
Low Temperature
Storage
Temp. : -40℃
1000 Hrs.
22 Pcs.
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs.
22 Pcs.
0/1
7
High Temperature
/ High Humidity
85℃/RH85%
1000 Hrs.
22 Pcs.
0/1


Similar Part No. - 94-22SUBC-S400-XX-S2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
More results

Similar Description - 94-22SUBC-S400-XX-S2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
94-22UBC EVERLIGHT-94-22UBC Datasheet
98Kb / 6P
   High Performance with Reflector LEDs
94-22UYC EVERLIGHT-94-22UYC Datasheet
102Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC EVERLIGHT-94-22SUBC Datasheet
115Kb / 6P
   High Performance with Reflector LEDs
94-22SURC-S530 EVERLIGHT-94-22SURC-S530 Datasheet
100Kb / 6P
   High Performance with Reflector LEDs
logo
HK TO-GRACE TECHNOLOGY ...
94-22SUB-S400-XX-S2 TO-GRACE-94-22SUB-S400-XX-S2 Datasheet
486Kb / 6P
   High Performance with Reflector LEDs
logo
Everlight Electronics C...
94-22UYC-S530 EVERLIGHT-94-22UYC-S530 Datasheet
101Kb / 6P
   High Performance with Reflector LEDs
94-22SUGC EVERLIGHT-94-22SUGC Datasheet
99Kb / 6P
   High Performance with Reflector LEDs
logo
Yellow Stone Corp
GH-2023 YSTONE-GH-2023 Datasheet
1Mb / 6P
   REFLECTOR COATING TYPE HIGH-PERFORMANCE LEDS
logo
Everlight Electronics C...
96-22SYGC EVERLIGHT-96-22SYGC Datasheet
114Kb / 6P
   High Performance with Reflector LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com