Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16839ASA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16839ASA
Description  High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16839ASA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16839ASA Datasheet HTML 1Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 2Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 3Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 4Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 5Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 6Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 7Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 8Page - Maxim Integrated Products MAX16839ASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
High-Voltage, Linear High-Brightness LED
Driver with Open-LED Fault Detect
2 ______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
(Voltages are specified with respect to GND.)
IN, SINK.................................................................-0.3V to +45V
FLTS ......................................................................-0.3V to +18V
DIM..........................................................................-0.3V to +6V
CS.........................................................................-0.3V to +0.5V
Continuous Current into SINK and CS.............................120mA
Continuous Power Dissipation (TA = +70NC)
6-Pin TDFN (derate 23.8mW/NC above +70NC) .....1904.8mW
8-Pin SO (derate 18.9mW/NC above +70NC)..........1509.4mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
TDFN
Junction-to-Ambient Thermal Resistance (BJA) ..........42NC/W
Junction-to-Case Thermal Resistance (BJC) .....................9NC/W
SO
Junction-to-Ambient Thermal Resistance (BJA) ..........53NC/W
Junction-to-Case Thermal Resistance (BJC) .................5NC/W
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
ELECTRICAL CHARACTERISTICS
(VIN = 12V, VFLTS = 0V, RCS = 4.07I, VGND = 0V, DIM = unconnected, CIN = 0.1FF (Note 2), TJ = TA = -40NC to +125NC, unless
otherwise noted. Typical values are at TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
5
40
V
Quiescent Current
IIN
0.25
0.6
mA
Undervoltage Lockout
VUVLO
VIN rising
3.6
V
UVLO Hysteresis
0.3
V
CS REGULATOR
CS Voltage Accuracy
VCS
TA = +25NC
195.5
203
210.5
mV
-40NC P TA P +125NC, 0.9V P VSINK P 5.5V
(Note 4)
193
213
CS Load Regulation
20mA P ISINK P 100mA
40
F
V/mA
Internal Switch On-Resistance
RDS_ON
(Note 5)
2
4
I
LED CURRENT TRANSIENT RESPONSE
LED Current Turn-On Delay
tDIN
30% of VIN rising edge to 50% of ISINK,
VDIM = 2.1V (Notes 6, 7)
4
9
F
s
LED Current Turn-On Delay
Relative to DIM
tDDIN
VDIM rising edge to 50% of ISINK
2.3
5.5
F
s
LED Current Turn-Off Delay
Relative to DIM
VDIM falling edge to 50% of ISINK
1.3
3.5
F
s
LED Current Rise Time
tr
10% of ISINK to 90% of ISINK
2.5
5.5
F
s
LED Current Fall Time
tf
90% of ISINK to 10% of ISINK
2.5
6
F
s


Similar Part No. - MAX16839ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16839ASA++ MAXIM-MAX16839ASA+ Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
More results

Similar Description - MAX16839ASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com