Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16903 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16903
Description  2.1MHz, High-Voltage, 1A Mini-Buck Converter Thermal Shutdown Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16903 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16903 Datasheet HTML 1Page - Maxim Integrated Products MAX16903 Datasheet HTML 2Page - Maxim Integrated Products MAX16903 Datasheet HTML 3Page - Maxim Integrated Products MAX16903 Datasheet HTML 4Page - Maxim Integrated Products MAX16903 Datasheet HTML 5Page - Maxim Integrated Products MAX16903 Datasheet HTML 6Page - Maxim Integrated Products MAX16903 Datasheet HTML 7Page - Maxim Integrated Products MAX16903 Datasheet HTML 8Page - Maxim Integrated Products MAX16903 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.1MHz, High-Voltage, 1A Mini-Buck Converter
_______________________________________________________________________________________
5
EFFICIENCY vs. LOAD CURRENT
(5V VERSION)
ILOAD (A)
0.1
0.01
0.001
0.0001
10
20
30
40
50
60
70
80
90
100
0
0.00001
1
SKIP MODE
FFF MODE
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE (SKIP MODE)
INPUT VOLTAGE (V)
26
24
22
20
18
16
14
12
10
8
10
20
30
40
50
60
0
628
5V PART
3.3V PART
LINE REGULATION
(ILOAD = 1A)
INPUT VOLTAGE (V)
26
24
8 10 12
16 18 20
14
22
-3
-2
-1
0
1
2
3
4
-4
628
LOAD REGULATION
LOAD CURRENT (A)
0.8
0.6
0.2
0.4
-3
-2
-1
0
2
1
3
4
-4
0
1.0
SKIP MODE
FFF MODE
SHUTDOWN SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
26
24
22
20
18
16
14
12
10
8
3
6
9
12
15
0
628
STARTUP WAVEFORM (ILOAD = 1A)
MAX16903 toc06
IINDUCTOR
1A/div
PGOOD
5V/div
VOUT
5V/div
EN
5V/div
1ms/div
SHUTDOWN WAVEFORM (ILOAD = 1A)
MAX16903 toc07
IINDUCTOR
1A/div
PGOOD
5V/div
VOUT
5V/div
EN
5V/div
20µs/div
LOAD-TRANSIENT RESPONSE
(FIXED MODE)
MAX16903 toc08
ILOAD
1A/div
PGOOD
5V/div
VOUT
200mV/div
5V
5V
AC
COUPLED
200µs/div
ILOAD = 100mA TO 1A TO 100mA
Typical Operating Characteristics
(VSUP = +14V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX16903

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16903 MAXIM-MAX16903 Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903RATB__/V++ MAXIM-MAX16903RATB__/V+ Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903RAUE__/V++ MAXIM-MAX16903RAUE__/V+ Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903SATB__/V++ MAXIM-MAX16903SATB__/V+ Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16903SAUE__/V++ MAXIM-MAX16903SAUE__/V+ Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
More results

Similar Description - MAX16903

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16904 MAXIM-MAX16904 Datasheet
836Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter Thermal Shutdown Protection
Rev 2; 3/11
MAX16903 MAXIM-MAX16903_13 Datasheet
1Mb / 14P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
Rev 4; 4/13
MAX16903 MAXIM-MAX16903_V01 Datasheet
719Kb / 15P
   2.1MHz, High-Voltage, 1A Mini-Buck Converter
2017
MAX16904_V5 MAXIM-MAX16904_V5 Datasheet
496Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 5; 6/12
MAX16904 MAXIM-MAX16904_12 Datasheet
482Kb / 14P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 4; 3/12
MAX16904 MAXIM-MAX16904_V01 Datasheet
973Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
2018
MAX16904 MAXIM-MAX16904_13 Datasheet
533Kb / 15P
   2.1MHz, High-Voltage, 600mA Mini-Buck Converter
Rev 6; 4/13
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com