Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16839ATT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16839ATT
Description  High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16839ATT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16839ATT Datasheet HTML 1Page - Maxim Integrated Products MAX16839ATT Datasheet HTML 2Page - Maxim Integrated Products MAX16839ATT Datasheet HTML 3Page - Maxim Integrated Products MAX16839ATT Datasheet HTML 4Page - Maxim Integrated Products MAX16839ATT Datasheet HTML 5Page - Maxim Integrated Products MAX16839ATT Datasheet HTML 6Page - Maxim Integrated Products MAX16839ATT Datasheet HTML 7Page - Maxim Integrated Products MAX16839ATT Datasheet HTML 8Page - Maxim Integrated Products MAX16839ATT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
High-Voltage, Linear High-Brightness LED
Driver with Open-LED Fault Detect
4 ______________________________________________________________________________________
Typical Operating Characteristics
(
VIN = 12V, RCS = 4.07I from CS to GND, CFLTS = 0.1FF, CIN = 0.1FF, DIM input unconnected, TA = +25NC, unless otherwise noted.
Typical values are at TA = +25NC.)
OUTPUT CURRENT vs. TEMPERATURE
TEMPERATURE (NC)
110
95
65 80
-10 5 20 35 50
-25
97.2
97.4
97.6
97.8
98.0
98.2
98.4
98.6
98.8
99.0
97.0
-40
125
ILOAD = 100mA
OUTPUT CURRENT vs. TEMPERATURE
TEMPERATURE (NC)
110
95
65 80
-10 5 20 35 50
-25
49.1
49.2
49.3
49.4
49.5
49.6
49.7
49.8
49.9
50.0
49.0
-40
125
ILOAD = 50mA
OUTPUT CURRENT vs. TEMPERATURE
TEMPERATURE (NC)
110
95
65 80
-10 5 20 35 50
-25
16.1
16.2
16.3
16.4
16.5
16.6
16.7
16.8
16.9
17.0
16.0
-40
125
ILOAD = 16mA
RDS(ON) VS. TEMPERATURE
TEMPERATURE (NC)
110
95
65 80
-10 5 20 35 50
-25
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
1.0
-40
125
VIN = 12V
OUTPUT CURRENT vs. INPUT VOLTAGE
VIN (V)
35
30
25
20
15
10
20
40
60
80
100
120
0
5
40
IILED = 100mA
IILED = 50mA
IILED = 15mA
VCS vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
90
80
60 70
30 40 50
20
200.5
201.0
201.5
202.0
202.5
203.0
203.5
204.0
204.5
205.0
200.0
10
100
VIN = 12V
LED CURRENT FALL TIME
MAX16839 toc07
0V
0
LED CURRENT
50mA/div
VDIM
2V/div
2Fs/div
LED CURRENT RISE TIME
MAX16839 toc06
0V
0
LED CURRENT
50mA/div
VDIM
2V/div
2Fs/div
QUIESCENT CURRENT
vs. TEMPERATURE
225
250
275
300
325
350
375
400
200
TEMPERATURE (NC)
110
95
65 80
-10 5 20 35 50
-25
-40
125
VIN = 12V


Similar Part No. - MAX16839ATT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16839ATT++ MAXIM-MAX16839ATT+ Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
More results

Similar Description - MAX16839ATT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16839 MAXIM-MAX16839 Datasheet
1Mb / 11P
   High-Voltage, Linear High-Brightness LED Driver with Open-LED Fault Detect
Rev 1; 5/10
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
MAX16823 MAXIM-MAX16823 Datasheet
315Kb / 13P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 1; 3/07
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com