Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302RC20 Datasheet(PDF) 55 Page - Motorola, Inc

Part # MC68302RC20
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302RC20 Datasheet(HTML) 55 Page - Motorola, Inc

Back Button MC68302RC20 Datasheet HTML 51Page - Motorola, Inc MC68302RC20 Datasheet HTML 52Page - Motorola, Inc MC68302RC20 Datasheet HTML 53Page - Motorola, Inc MC68302RC20 Datasheet HTML 54Page - Motorola, Inc MC68302RC20 Datasheet HTML 55Page - Motorola, Inc MC68302RC20 Datasheet HTML 56Page - Motorola, Inc MC68302RC20 Datasheet HTML 57Page - Motorola, Inc MC68302RC20 Datasheet HTML 58Page - Motorola, Inc MC68302RC20 Datasheet HTML 59Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 480 page
background image
System Integration Block (SIB)
MOTOROLA
MC68302 USER’S MANUAL
3-5
NOTE
An interrupt will only be generated if the IDMA bit is set in the
IMR.
REQG—Request Generation
The following decode shows the definitions for the REQG bits:
00 = Internal request at limited rate (limited burst bandwidth) set by burst transfer (BT)
bits
01 = Internal request at maximum rate (one burst)
10 = External request burst transfer mode (DREQ level sensitive)
11 = External request cycle steal (DREQ edge sensitive)
SAPI—Source Address Pointer (SAP) Increment
0 = SAP is not incremented after each transfer.
1 = SAP is incremented by one or two after each transfer, according to the source size
(SSIZE) bits and the starting address.
DAPI—Destination Address Pointer (DAP) Increment
0 = DAP is not incremented after each transfer.
1 = DAP is incremented by one or two after each transfer, according to the destination
size (DSIZE) bits and the starting address.
SSIZE—Source Size
The following decode shows the definitions for the SSIZE bits.
00 = Reserved
01 = Byte
10 = Word
11 = Reserved
DSIZE—Destination Size
The following decode shows the definitions for the DSIZE bits.
00 = Reserved
01 = Byte
10 = Word
11 = Reserved
BT—Burst Transfer
The BT bits control the maximum percentage of the M68000 bus that the IDMA can use
during each 1024 clock cycle period following the enabling of the IDMA. The IDMA runs
for a consecutive number of cycles up to its burst transfer percentage if bus clear (BCLR)
is not asserted and the BCR is greater than zero. The following decode shows these per-
centages.
00 = IDMA gets up to 75% of the bus bandwidth.
01 = IDMA gets up to 50% of the bus bandwidth.
10 = IDMA gets up to 25% of the bus bandwidth.
11 = IDMA gets up to 12.5% of the bus bandwidth.


Similar Part No. - MC68302RC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302RC20 MOTOROLA-MC68302RC20 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
More results

Similar Description - MC68302RC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com