Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15025AATV Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15025AATV
Description  Single/Dual, 16ns, High Sink/Source Current Gate Drivers AEC-Q100 Qualified
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15025AATV Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15025AATV Datasheet HTML 7Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 8Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 9Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 10Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 11Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 12Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 13Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 14Page - Maxim Integrated Products MAX15025AATV Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Power Dissipation
Power dissipation of the MAX15024/MAX15025 con-
sists of three components: the quiescent current,
capacitive charge and discharge of internal nodes, and
the output current (either capacitive or resistive load).
The sum of these components must be kept below the
maximum power-dissipation limit. The quiescent cur-
rent is 700µA typ. The current required to charge and
discharge the internal nodes is frequency dependent
(see the
Typical Operating Characteristics). The
MAX15024/MAX15025 power dissipation when driving
a ground-referenced resistive load is:
P = D x RON(MAX) x ILOAD2
where D is the fraction of the period the MAX15024/
MAX15025s’ output pulls high, RON(MAX) is the maxi-
mum on-resistance of the device with the output high
(p-channel), and ILOAD is the output load current of the
MAX15024/MAX15025. For capacitive loads, the power
dissipation for each driver is:
P = CLOAD x VDRV2 x FREQ
where CLOAD is the capacitive load, VDRV is the driver
supply voltage, and FREQ is the switching frequency.
Layout Information
The MAX15024/MAX15025 MOSFET drivers source and
sink large currents to create very fast rise and fall edges
at the gate of the switching MOSFET. The high di/dt can
cause unacceptable ringing if the trace lengths and
impedances are not well controlled. The following
printed-circuit board (PCB) layout guidelines are recom-
mended when designing with the MAX15024/MAX15025:
• Place one or more 1µF decoupling ceramic capaci-
tor(s) from VDRV to PGND as close to the device as
possible. At least one storage capacitor of 10µF (min)
should be located on the PCB with a low resistance
path to the VCC pin of the MAX15024/MAX15025.
• There are two AC current loops formed between the
device and the gate of the MOSFET being driven.
The MOSFET looks like a large capacitance from
gate to source when the gate is being pulled low.
The active current loop is from MOSFET gate to
OUT_ of the MAX15024/MAX15025 to PGND of the
MAX15024/MAX15025, and to the source of the
MOSFET. When the gate of the MOSFET is being
pulled high, the active current loop is from the VDD
terminal of the VDRV terminal of decoupling capaci-
tor, to the VDRV of the MAX15024/MAX15025, to the
OUT_ of the MAX15024/MAX15025, to the MOSFET
gate, to the MOSFET source, and to the negative ter-
minal of the decoupling capacitor. Both charging
current loop and discharging current loop are impor-
tant. It is important to minimize the physical distance
and the impedance in these AC current paths.
• Keep the device as close as possible to the MOSFET.
• In the multilayer PCB, the inner layers should consist
of a GND plane containing the discharging and
charging current loops.
Single/Dual, 16ns, High Sink/Source
Current Gate Drivers
______________________________________________________________________________________
11
IN+
P_OUT AND
N_OUT CONNECTED
TOGETHER
OR OUT1/OUT2
VIL
VIH
tD-OFF
tF
90%
10%
tD-ON
tR
Figure 1. Timing Diagram


Similar Part No. - MAX15025AATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15025AATB++ MAXIM-MAX15025AATB+ Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
MAX15025AATB+T MAXIM-MAX15025AATB+T Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15025AATB+T MAXIM-MAX15025AATB+T Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
More results

Similar Description - MAX15025AATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com