Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGX320N60B3 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGX320N60B3
Description  GenX3 600V IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGX320N60B3 Datasheet(HTML) 4 Page - IXYS Corporation

  IXGX320N60B3 Datasheet HTML 1Page - IXYS Corporation IXGX320N60B3 Datasheet HTML 2Page - IXYS Corporation IXGX320N60B3 Datasheet HTML 3Page - IXYS Corporation IXGX320N60B3 Datasheet HTML 4Page - IXYS Corporation IXGX320N60B3 Datasheet HTML 5Page - IXYS Corporation IXGX320N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGK320N60B3
IXGX320N60B3
Fig. 9. Reverse-Bias Safe Operating Area
0
50
100
150
200
250
300
350
100
150
200
250
300
350
400
450
500
550
600
650
VCE - Volts
TJ = 125ºC
RG = 1Ω
dv / dt < 10V / ns
Fig. 10. Maximum Transient Thermal Impedance
0.001
0.01
0.1
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Width - Second
Fig. 7. Gate Charge
0
2
4
6
8
10
12
14
16
0
100
200
300
400
500
600
QG - NanoCoulombs
VCE = 300V
I C = 320A
I G = 10mA
Fig. 8. Capacitance
10
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres


Similar Part No. - IXGX320N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGX320N60A3 IXYS-IXGX320N60A3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGX320N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
IXGH60N60C3D1 IXYS-IXGH60N60C3D1 Datasheet
243Kb / 7P
   GenX3 600V IGBTs with Diode
IXGP36N60A3 IXYS-IXGP36N60A3_09 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
   GenX3 1200V IGBTs
IXGK400N30A3 IXYS-IXGK400N30A3 Datasheet
206Kb / 5P
   GenX3 300V IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com