Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15026BETV Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15026BETV
Description  Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15026BETV Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15026BETV Datasheet HTML 1Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 2Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 3Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 4Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 5Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 6Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 7Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 8Page - Maxim Integrated Products MAX15026BETV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Low-Cost, Small, 4.5V to 28V Wide Operating
Range, DC-DC Synchronous Buck Controller
_______________________________________________________________________________________
5
EFFICIENCY vs. LOAD CURRENT
(MAX15026B/C)
LOAD CURRENT (A)
810
6
2
4
10
20
30
40
50
60
70
80
90
100
0
012
VOUT = 3.3V
VOUT = 1.2V
VOUT = 5V
VOUT = 1.8V
EFFICIENCY vs. LOAD CURRENT
(VIN = 12V, VCC = VDRV = 5V)
LOAD CURRENT (A)
10
6
8
4
2
012
VOUT = 3.3V
VOUT = 1.2V
VOUT = 5V
VOUT = 1.8V
10
20
30
40
50
60
70
80
90
100
0
VOUT vs. LOAD CURRENT
LOAD CURRENT (A)
10
68
4
2
012
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-1.0
VCC vs. LOAD CURRENT
LOAD CURRENT (mA)
80
20
40
60
5.230
5.235
5.240
5.245
5.250
5.255
5.260
5.265
5.225
0
100
VCC LINE REGULATION
VIN (V)
25
20
15
10
5
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
4.3
030
5mA
50mA
VCC vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
5.238
5.240
5.242
5.244
5.246
5.248
5.236
-40
85
SWITCHING FREQUENCY
vs. RESISTANCE
RESISTANCE (k
Ω)
80
60
40
20
500
1000
1500
2000
2500
0
0
100
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
500
1000
1500
2000
2500
0
-40
85
RRT = 7.2k
Ω
RRT = 15.7k
Ω
RRT = 27k
Ω
RRT = 85k
Ω
SUPPLY CURRENT
vs. SWITCHING FREQUENCY
SWITCHING FREQUENCY (kHz)
1000
10
20
30
40
50
60
70
80
90
0
100
10,000
Typical Operating Characteristics
(VIN = 12V, TA = +25°C. The following TOCs are for MAX15026B/C, unless otherwise noted.) (See the circuit of Figure 5.)


Similar Part No. - MAX15026BETV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026BETD++ MAXIM-MAX15026BETD+ Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026BETD++ MAXIM-MAX15026BETD+ Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15026BETD/V+T MAXIM-MAX15026BETD/V+T Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
More results

Similar Description - MAX15026BETV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_12 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
logo
Rohm
BD95601MUV-LB ROHM-BD95601MUV-LB Datasheet
2Mb / 25P
   4.5V to 25V Input 1ch Synchronous Buck DC/DC Controller
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Rohm
BD95602MUV ROHM-BD95602MUV Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com