Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15023ETG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15023ETG
Description  Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15023ETG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15023ETG Datasheet HTML 1Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 2Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 3Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 4Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 5Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 6Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 7Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 8Page - Maxim Integrated Products MAX15023ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Wide 4.5V to 28V Input, Dual-Output
Synchronous Buck Controller
_______________________________________________________________________________________
5
EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
10
1
35
40
45
50
55
60
65
70
75
80
85
90
95
30
0.1
100
VIN = 12V
VOUT1 = 1.2V
VOUT1 = 3.3V
EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
10
1
35
40
45
50
55
60
65
70
75
80
85
90
95
100
30
0.1
100
VOUT1 = 1.2V
VOUT1 = 3.3V
VIN = VCC = 5V
OUTPUT VOLTAGE CHANGE
vs. LOAD CURRENT
LOAD CURRENT (A)
10
8
6
4
2
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
99.0
012
OUT1
VCC VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
135
120
15 30 45
75 90
60
105
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.00
0150
VCC VOLTAGE
vs. IN VOLTAGE
IN VOLTAGE (V)
24
20
16
12
8
4.15
4.30
4.45
4.60
4.75
4.90
5.05
5.20
5.35
5.50
4.00
428
ILOAD = 5mA
ILOAD = 50mA
VCC VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
30
35
10
-15
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
5.45
5.50
5.00
-40
85
ILOAD = 5mA
SWITCHING FREQUENCY
vs. RT
RT (k
Ω)
80
70
50
60
30
40
20
200
300
400
500
600
700
800
900
1000
1100
1200
1300
100
10
90
SWITCHING FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
250
300
350
400
450
500
550
600
650
700
750
800
200
-40
85
RT = 22.1k
RT = 33.2k
RT = 66.5k
IIN CURRENT
vs. SWITCHING FREQUENCY
SWITCHING FREQUENCY (kHz)
900
800
700
600
500
400
300
30
60
90
120
150
180
210
0
200
1000
VIN = 12V
CDL = CDH = 10nF
CDL = CDH = 4.7nF
CDL = CDH = 1nF
CDL = CDH = 0nF
Typical Operating Characteristics
(Supply = IN = 12V, unless otherwise noted. See
Typical Application Circuit of Figure 6.)


Similar Part No. - MAX15023ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023ETG MAXIM-MAX15023ETG Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG++ MAXIM-MAX15023ETG+ Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG/V MAXIM-MAX15023ETG/V Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
More results

Similar Description - MAX15023ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
MAX15026 MAXIM-MAX15026_12 Datasheet
415Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 4; 2/12
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_11 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com